Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128HT85ZB5F Datasheet(PDF) 9 Page - STMicroelectronics

Part # M58LR128HT85ZB5F
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HT85ZB5F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M58LR128HT85ZB5F Datasheet HTML 5Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 6Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 7Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 8Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 9Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 10Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 11Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 12Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 112 page
background image
M58LR128HT, M58LR128HB
Description
9/112
Time-Programmable (OTP) by the user. The user programmable segment can be
permanently protected. Figure 4, shows the Protection Register Memory Map.
The M58LR128HT/B are offered in a VFBGA56, 7.7 × 9 mm, 0.50 mm pitch package. They
are supplied with all the bits erased (set to ’1’).
Figure 1.
Logic diagram
Table 1.
Signal names
A0-A22
Address Inputs
DQ0-DQ15
Data Input/Outputs, Command Inputs
E
Chip Enable
G
Output Enable
W
Write Enable
RP
Reset
WP
Write Protect
KClock
L
Latch Enable
WAIT
Wait
VDD
Supply Voltage
VDDQ
Supply Voltage for Input/Output Buffers
VPP
Optional Supply Voltage for Fast Program & Erase
VSS
Ground
VSSQ
Ground Input/Output Supply
NC
Not Connected Internally
DU
Do Not Use
AI12358
A0-A22
W
DQ0-
DQ15
VDD
M58LR128HT
M58LR128HB
E
VSS
16
G
RP
WP
VDDQ VPP
L
K
WAIT
VSSQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com