Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128HT85ZB5F Datasheet(PDF) 84 Page - STMicroelectronics

Part # M58LR128HT85ZB5F
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HT85ZB5F Datasheet(HTML) 84 Page - STMicroelectronics

Back Button M58LR128HT85ZB5F Datasheet HTML 80Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 81Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 82Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 83Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 84Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 85Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 86Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 87Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 112 page
background image
Common Flash Interface
M58LR128HT, M58LR128HB
84/112
Table 33.
CFI query identification string
Offset
Sub-section Name
Description
Value
000h
0020h
Manufacturer Code
ST
001h
88C4h
88C5h
Device Code
M58LR128HT
M58LR128HB
Top
Bottom
002h-00Fh
Reserved
Reserved
010h
0051h
Query Unique ASCII String "QRY"
"Q"
011h
0052h
"R"
012h
0059h
"Y"
013h
0001h
Primary Algorithm Command Set and Control
Interface ID code 16 bit ID code defining a specific
algorithm
014h
0000h
015h
offset = P = 000Ah
Address for Primary Algorithm extended Query table
(see Table 36)
p = 10Ah
016h
0001h
017h
0000h
Alternate Vendor Command Set and Control
Interface ID Code second vendor - specified
algorithm supported
NA
018h
0000h
019h
value = A = 0000h
Address for Alternate Algorithm extended Query
table
NA
01Ah
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com