Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128HT85ZB5F Datasheet(PDF) 50 Page - STMicroelectronics

Part # M58LR128HT85ZB5F
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HT85ZB5F Datasheet(HTML) 50 Page - STMicroelectronics

Back Button M58LR128HT85ZB5F Datasheet HTML 46Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 47Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 48Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 49Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 50Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 51Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 52Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 53Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 112 page
background image
Block locking
M58LR128HT, M58LR128HB
50/112
9
Block locking
The M58LR128HT/B features an instant, individual block locking scheme that allows any
block to be locked or unlocked with no latency. This locking scheme has three levels of
protection.
●
Lock/Unlock - this first level allows software only control of block locking.
●
Lock-Down - this second level requires hardware interaction before locking can be
changed.
●
VPP ≤VPPLK - the third level offers a complete hardware protection against program and
erase on all blocks.
The protection status of each block can be set to Locked, Unlocked, and Locked-Down.
Table 16, defines all of the possible protection states (WP, DQ1, DQ0), and Appendix C,
Figure 25, shows a flowchart for the locking operations.
9.1
Reading a block’s lock status
The lock status of every block can be read in the Read Electronic Signature mode of the
device. To enter this mode issue the Read Electronic Signature command. Subsequent
reads at the address specified in Table 7, will output the protection status of that block.
The lock status is represented by DQ0 and DQ1. DQ0 indicates the Block Lock/Unlock
status and is set by the Lock command and cleared by the Unlock command. DQ0 is
automatically set when entering Lock-Down. DQ1 indicates the Lock-Down status and is set
by the Lock-Down command. DQ1 cannot be cleared by software, only by a hardware reset
or power-down.
The following sections explain the operation of the locking system.
9.2
Locked state
The default status of all blocks on power-up or after a hardware reset is Locked (states
(0,0,1) or (1,0,1)). Locked blocks are fully protected from program or erase operations. Any
program or erase operations attempted on a locked block will return an error in the Status
Register. The Status of a Locked block can be changed to Unlocked or Locked-Down using
the appropriate software commands. An Unlocked block can be Locked by issuing the Lock
command.
9.3
Unlocked state
Unlocked blocks (states (0,0,0), (1,0,0) (1,1,0)), can be programmed or erased. All unlocked
blocks return to the Locked state after a hardware reset or when the device is powered-
down. The status of an unlocked block can be changed to Locked or Locked-Down using the
appropriate software commands. A locked block can be unlocked by issuing the Unlock
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com