Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128HT85ZB5F Datasheet(PDF) 27 Page - STMicroelectronics

Part # M58LR128HT85ZB5F
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HT85ZB5F Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M58LR128HT85ZB5F Datasheet HTML 23Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 24Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 25Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 26Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 27Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 28Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 29Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 30Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 112 page
background image
M58LR128HT, M58LR128HB
Command interface
27/112
4.12
Program/Erase Resume command
The Program/Erase Resume command is used to restart the program or erase operation
suspended by the Program/Erase Suspend command. One Bus Write cycle is required to
issue the command. The command can be issued to any address.
The Program/Erase Resume command does not change the read mode of the banks. If the
suspended bank was in Read Status Register, Read Electronic signature or Read CFI
Query mode the bank remains in that mode and outputs the corresponding data.
If a Program command is issued during a Block Erase Suspend, then the erase cannot be
resumed until the program operation has completed.
See Appendix C, Figure 22: Program Suspend & Resume flowchart and pseudocode, and
Figure 24: Erase Suspend & Resume flowchart and pseudocode, for flowcharts for using
the Program/Erase Resume command.
4.13
Protection Register Program command
The Protection Register Program command is used to program the user One-Time-
Programmable (OTP) segments of the Protection Register and the two Protection Register
Locks.
The device features 16 OTP segments of 128 bits and one OTP segment of 64 bits, as
shown in Figure 4: Protection Register memory map.
The segments are programmed one Word at a time. When shipped all bits in the segment
are set to ‘1’. The user can only program the bits to ‘0’.
Two Bus Write cycles are required to issue the Protection Register Program command.
●
The first bus cycle sets up the Protection Register Program command.
●
The second latches the address and data to be programmed to the Protection Register
and starts the Program/Erase Controller.
Read operations to the bank being programmed output the Status Register content after the
program operation has started.
Attempting to program a previously protected Protection Register will result in a Status
Register error.
The Protection Register Program cannot be suspended. Dual operations between the
Parameter Bank and the Protection Register memory space are not allowed (see Table 15:
Dual operation limitations for details)
The two Protection Register Locks are used to protect the OTP segments from further
modification. The protection of the OTP segments is not reversible. Refer to Figure 4:
Protection Register memory map, and Table 8: Protection Register locks, for details on the
Lock bits.
See Appendix C, Figure 26: Protection Register Program flowchart and pseudocode, for a
flowchart for using the Protection Register Program command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com