Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128HT85ZB5F Datasheet(PDF) 14 Page - STMicroelectronics

Part # M58LR128HT85ZB5F
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HT85ZB5F Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M58LR128HT85ZB5F Datasheet HTML 10Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 11Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 12Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 13Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 14Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 15Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 16Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 17Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 112 page
background image
Signal descriptions
M58LR128HT, M58LR128HB
14/112
2.13
VPP Program supply voltage
VPP is both a control input and a power supply pin. The two functions are selected by the
voltage range applied to the pin.
If VPP is kept in a low voltage range (0V to VDDQ) VPP is seen as a control input. In this case
a voltage lower than VPPLK gives absolute protection against program or erase, while VPP in
the VPP1 range enables these functions (see Tables 21 and 22, DC Characteristics for the
relevant values). VPP is only sampled at the beginning of a program or erase; a change in its
value after the operation has started does not have any effect and program or erase
operations continue.
If VPP is in the range of VPPH it acts as a power supply pin. In this condition VPP must be
stable until the Program/Erase algorithm is completed.
2.14
VSS ground
VSS ground is the reference for the core supply. It must be connected to the system ground.
2.15
VSSQ ground
VSSQ ground is the reference for the input/output circuitry driven by VDDQ. VSSQ must be
connected to VSS
Note:
Each device in a system should have VDD, VDDQ and VPP decoupled with a 0.1 µF ceramic
capacitor close to the pin (high frequency, inherently low inductance capacitors should be as
close as possible to the package). See Figure 8: AC measurement load circuit. The PCB
track widths should be sufficient to carry the required VPP program and erase currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com