Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128HT85ZB5F Datasheet(PDF) 102 Page - STMicroelectronics

Part # M58LR128HT85ZB5F
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HT85ZB5F Datasheet(HTML) 102 Page - STMicroelectronics

Back Button M58LR128HT85ZB5F Datasheet HTML 98Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 99Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 100Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 101Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 102Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 103Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 104Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 105Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 112 page
background image
Command interface state tables
M58LR128HT, M58LR128HB
102/112
Appendix D
Command interface state tables
Table 42.
Command Interface states - modify table, next state(1)
Current CI State
Command Input
Read
Array(2)
(FFh)
Program
Setup(3)(4)
(10/40h)
Buffer
Program
(3)(4)
(E8h)
Block
Erase,
Setup(3)(4)
(20h)
BEFP
Setup
(80h)
Blank
Check
setup
(BCh)
Erase
Confirm
P/E Resume,
Block Unlock
confirm,
BEFP
Confirm(3)(4)
(D0h)
Blank
Check
confirm
(CBh)
Buffer
Program,
Program/
Erase
Suspend
(B0h)
Read
Status
Register
(70h)
Clear
Status
Register
(5)
(50h)
Read
Electronic
Signature
, Read
CFI Query
(90h, 98h)
Ready
Ready
Program
Setup
BP
Setup
Erase
Setup
BEFP
Setup
Blank
Check
setup
Ready
Lock/CR Setup
Ready (Lock Error)
Ready (unlock
block)
Ready (Lock Error)
OTP
Setup
OTP Busy
Busy
OTP
Busy
IS in OTP
Busy
OTP
busy
IS in OTP Busy
OTP Busy
IS in
OTP
busy
OTP Busy
Program
Setup
Program Busy
Busy
Program
Busy
IS in
Program
Busy
Program
Busy
IS in Program
Busy
Program Busy
Program
Suspend
Program Busy
IS in
Program
Busy
Program Busy
Suspend
PS
IS in PS
PS
IS in Program
Suspend
PS
Program Busy
Program Suspend
IS in PS
Program Suspend
Buffer
Program
Setup
Buffer Program Load 1 (give word count load (N-1));
Buffer
Load 1
if N=0 go to Buffer Program Confirm. Else (N
≠ 0) go to Buffer Program Load 2 (data load)
Buffer
Load 2
Buffer Program Confirm when count =0; Else Buffer Program Load 2
(note: Buffer Program will fail at this point if any block address is different from the first address)
Confirm
Ready (error)
BP Busy
Ready (error)
Busy
BP Busy
IS in BP
Busy
BP Busy
IS in BP Busy
BP Busy
BP
Suspend
Buffer Program Busy
IS in BP
Busy
Buffer Program Busy
Suspend
BP
Suspend
IS in BP
Suspend
BP
Suspend IS in BP Suspend
BP
Suspend
BP busy
Buffer Program Suspend
IS in BP
Suspend
Buffer Program Suspend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com