Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128HT85ZB5F Datasheet(PDF) 108 Page - STMicroelectronics

Part # M58LR128HT85ZB5F
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HT85ZB5F Datasheet(HTML) 108 Page - STMicroelectronics

Back Button M58LR128HT85ZB5F Datasheet HTML 104Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 105Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 106Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 107Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 108Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 109Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 110Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 111Page - STMicroelectronics M58LR128HT85ZB5F Datasheet HTML 112Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 108 / 112 page
background image
Command interface state tables
M58LR128HT, M58LR128HB
108/112
Program
in Erase
Suspend
Setup
Program Busy in Erase Suspend
N/A
Busy
IS in Program busy in ES
Program Busy in Erase Suspend
ES
IS in Program
busy in ES
Program Busy in Erase Suspend
IS in ES
Suspend
IS in PS in ES
Program Suspend in Erase Suspend
N/A
IS in PS in ES
Program Suspend in Erase Suspend
Buffer
Program
in Erase
Suspend
Setup
Buffer Program Load 1 in Erase Suspend (give word count load (N-1))
N/A
Buffer Load 1
Buffer Program Load 2 in Erase Suspend(7)
Exit
see note (7)
Buffer Load 2
Buffer Program Confirm in Erase Suspend when count =0; Else Buffer Program Load 2 in Erase
Suspend (note: Buffer Program will fail at this point if any block address is different from the first
address)
Confirm
Erase Suspend (sequence error)
Busy
IS in BP busy in ES
Buffer Program Busy in Erase Suspend
ES
IS in BP busy
in ES
BP busy in ES
IS in ES
Suspend
IS in BP suspend in ES
Buffer Program Suspend in Erase Suspend
N/A
IS in BP
Suspend in
ES
Buffer Program Suspend in Erase Suspend
Blank
Check
Setup
Ready (error)
N/A
Blank Check
busy
IS in Blank Check busy
Blank Check busy
Ready
Lock/CR Setup in ES
Erase Suspend (Lock error)
Erase Suspend
Erase Suspend (Lock error)
N/A
BEFP
Setup
Ready (error)
N/A
Busy
BEFP Busy(8)
Exit
BEFP Busy(8)
N/A
1.
CI = Command Interface, CR = Configuration register, BEFP = Buffer Enhanced Factory program, P/E C = Program/Erase
controller, IS = Illegal State, BP = Buffer program, ES = Erase suspend, WA0 = Address in a block different from first BEFP
address.
2.
If the P/E C is active, both cycle are ignored.
3.
BEFP Exit when Block Address is different from first Block Address and data are FFFFh.
4.
Illegal commands are those not defined in the command set.
5.
N/A: not available. In this case the state remains unchanged.
6.
If N=0 go to Buffer Program Confirm. Else (not =0) go to Buffer Program Load 2 (data load)
7.
If N=0 go to Buffer Program Confirm in Erase suspend. Else (not =0) go to Buffer Program Load 2 in Erase suspend.
8.
BEFP is allowed only when Status Register bit SR0 is set to '0'. BEFP is busy if Block Address is first BEFP Address. Any
other commands are treated as data.
Table 44.
Command interface states - lock table, next state(1) (continued)
Current CI State
Command Input
Lock/CR Setup(2)
(60h)
OTP
Setup(2)
(C0h)
Block
Lock
Confirm
(01h)
Block
Lock-
Down
Confirm
(2Fh)
Set CR
Confirm
(03h)
Block
Address
(WA0)(3)
(XXXXh)
Illegal
Command(4)
P/E C
operation
completed
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com