Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5320 Datasheet(PDF) 9 Page - Injoinic Technology Co.,Ltd.

Part # IP5320
Description  Supports two-way SCP, VOOC, PD3.0 and other fast charging protocols, supports 2~5 cells in series Integrated buck-boost driver, maximum power 100W mobile power supply SOC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5320 Datasheet(HTML) 9 Page - Injoinic Technology Co.,Ltd.

Back Button IP5320 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
IP5389
V1.2
Email: service@injoinic.com
9 / 32
Copyright © 2021, Injoinic Corp.
VBUS=9V,
输入电流
PD 快充
1.7
2.0
2.3
A
PD 快充
2.7
3.0
3.3
A
VBUS=12V,
输入电流
PD 快充
1.2
1.5
1.8
A
PD 快充
2.7
3.0
3.3
A
VBUS =15V,输入电流
2.7
3.0
3.3
A
VBUS =20V,输入电流
2.7
3.0
3.3
A
VBUS=20V,功率 PMAX 设
置为
65W
2.9
3.25
3.6
A
VBUS=20V,功率 PMAX 设
置为
100W
4.2
4.7
5.2
A
涓流充电电流
ITRKL
VIN=5V, VBAT<2.5V
50
100
150
mA
VIN=5V,
2.5V<=VBAT<N*3.0V
100
200
300
mA
涓流截止电压
VTRKL
电池节数为
N,VTRGT 非 3.6V
N*2.9
N*3
N*3.1
V
VTRKL
电池节数为
N,VTRGT=3.6V
N*2.7
N*2.75
N*2.85
V
充电停充电流
ISTOP
100
0.025*FCAP
mA
再充电阈值
VRCH
电池节数为
N
VTRGT – N*0.1
V
充电截止时间
TEND
45
48
51
Hour
放电系统
电池工作电压
VBAT
电池节数为
N
N*2.75
N*4.5
V
开关工作电池
输入电流
IBAT
VBAT=4*3.7V,
VOUT=5.0V,
fs=250kHz, Iout=0mA
3
7
mA
DC 输出电压
QC2.0
VOUT
VOUT=5V@1A
4.75
5.00
5.25
V
VOUT=9V@1A
8.70
9
9.30
V
VOUT=12V@1A
11.60
12
12.40
V
QC3.0/
QC3+
VOUT
@1A
3.6
12
V
QC3.0
Step
200
mV
QC3+
Step
20
mV
输出电压纹波
ΔVOUT
VBAT=4*3.7V, VOUT=5.0V,
fs=250KHz, Iout=1A
120
mV
VBAT=4*3.7V,
VOUT=9.0V , fs=250KHz,
Iout=1A
135
mV
VBAT=4*3.7V,
VOUT=12V,fs=250KHz,
Iout=1A
370
mV
放电系统最大
Pmax
PD 协议下,不同 PMAX 电
20
100
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com