Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5320 Datasheet(PDF) 10 Page - Injoinic Technology Co.,Ltd.

Part # IP5320
Description  Supports two-way SCP, VOOC, PD3.0 and other fast charging protocols, supports 2~5 cells in series Integrated buck-boost driver, maximum power 100W mobile power supply SOC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5320 Datasheet(HTML) 10 Page - Injoinic Technology Co.,Ltd.

Back Button IP5320 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5320 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
IP5389
V1.2
Email: service@injoinic.com
10 / 32
Copyright © 2021, Injoinic Corp.
输出功率
阻值对应不同
Pmax
放电系统效率
ηout
VBAT=8V, VOUT=5V,
IOUT=2A
94.69
%
VBAT=8V, VOUT=9V,
IOUT=2A
95.36
%
VBAT=8V, VOUT=12V,
IOUT=2A
95.86
%
VBAT=15V, VOUT=5V,
IOUT=2A
91.55
%
VBAT=15V, VOUT=9V,
IOUT=2A
95.05
%
VBAT=15V, VOUT=12V,
IOUT=2A
95.37
%
放电系统过流
关断电流
Ishut
VBAT=N*3.7V,多口输出 5V
4.1
4.4
4.7
A
VBAT= N *3.7V,单口输出 5V
3.1
3.4
3.8
A
VBAT= N *3.7V, 单口输出
9V,非 PD 状态
2.7
3
3.3
A
VBAT= N *3.7V, 单口输出
12V,非 PD 状态
2
2.2
2.5
A
VBAT= N *3.7V, 单口输出
PD 状态
PDO * 1.1
A
输出轻载关机
功率
Pout
VBAT=3.7V
350
mW
负载过流检测
时间
TUVD
输出电压持续低于
2.4V
30
ms
负载短路检测
时间
TOCD
输出电压持续低于
2.2V
40
us
控制系统
开关频率
fs
放电开关频率
250
kHz
充电开关频率
250
kHz
VCCIO 输出
电压
VCCIO
3.15
3.3
3.45
V
电池端待机电
ISTB
VBAT=14.8V,按键关机后的
平均电流
180
uA
LDO 输 出 电
ILDO
25
30
35
mA
LED 照 明 驱
动电流
IWLED
10
15
20
mA
LED 显 示 驱
动电流
IL1
IL2
IL3
电压下降
10%
5
7
9
mA
总负载轻载关
T1load
负载功率持续小于
350mW
30
32
34
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com