Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5322 Datasheet(PDF) 3 Page - Injoinic Technology Co.,Ltd.

Part # IP5322
Description  2A charge 2.1A / 2.4A discharge integrated DCP function mobile power SOC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5322 Datasheet(HTML) 3 Page - Injoinic Technology Co.,Ltd.

  IP5322 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
IP5407
V1.31
http://www.injoinic.com/
3 / 13
Copyright © 2019, Injoinic Corp.
5 The internal block diagram
VIN
VOUT
BAT
VBAT+
SYSTEM
CONTROL
Bandgap
KEY/WLED
/NTC
LX
KEY
L2
L1
Boost/Charger driver
OPth
LED
DRIVER
GND
Figure 3 IP5407 internal block diagram
6 IP series mobile power IC model selection table
IC
TYPE
Charge
and
discharge
Main feature:
package
dischar
ge
Char
ge
Numb
er
of
LED
flood
light
keys
I2C
DCP
USB
C
QC
认证
PD3.0
/PPS
specifica
tion
Com
pati
bilit
y
IP5303
1.0A
1.2A
1,2
-
-
-
-
-
ESOP8
IP5305
1.0A
1.2A
1,2,3,4
-
-
-
-
-
ESOP8
IP5306
2.4A
2.1A
1,2,3,4
-
-
-
-
ESOP8
IP5406
2.4A
2.1A
1,2,4
-
-
-
-
-
ESOP8
IP5407
2.4A
2.1A
1,2,4
-
-
-
-
-
ESOP8
IP5207
1.2A
1.2A
3,4,5
-
-
-
-
QFN24
IP5207T
1.2A
1.2A
1,2,3,4
-
-
-
QFN24
IP5109
2.1A
2.1A
3,4,5
-
-
-
-
QFN24
IP5209
2.4A
2.1A
3,4,5
-
-
-
QFN24
IP5310
3.1A
3.0A
1,2,3,4
-
-
QFN32
IP5506
2.4A
2.1A
数码管
-
-
-
-
ESOP16
IP5508
2.4A
2.1A
Nixie
-
-
-
QFN32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com