Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5322 Datasheet(PDF) 6 Page - Injoinic Technology Co.,Ltd.

Part # IP5322
Description  2A charge 2.1A / 2.4A discharge integrated DCP function mobile power SOC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5322 Datasheet(HTML) 6 Page - Injoinic Technology Co.,Ltd.

Back Button IP5322 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
IP5407
V1.31
http://www.injoinic.com/
6 / 13
Copyright © 2019, Injoinic Corp.
shutdown current.
Load
overcurrent
detect time
TUVD
output voltage is continuously below 4.2V
30
ms
Load
short-circuit
detection time
TOCD
Output current continuously higher than 5A
150
us
Control System.
switching
frequency
fs
Discharge switching frequency
950
KHz
Charge switching frequency
500
KHz
PMOS on-resistance
rDSON
VBAT=3.7V
40
NMOS
on-resistance
VBAT=3.7V
30
VIN
and
VOUT
PMOS
rDSON
VIN=5V
80
Input
overcurrent
protection.
IIDOCP
VIN=5V
3
A
Battery
input
standby current
ISTB
VIN=0V,VBAT=3.7V
100
uA
LED lighting drive
current
Ilight
20
mA
LED display drive
current
IL1
IL2
5
mA
Automatic
load
detection time
TloadD
Load current is continuously less than
45mA
36
s
Light load off lamp
current.
Iplout
VABT=3.7V
50
mA
Short press on key
wake up time
TOnDebounce
50
ms
Turn on the light
time
TKeylight
2
s
Thermal shut down
temperature
TOTP
Rising temperature
150
Thermal shut down
hysteresis
ΔTOTP
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com