Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5322 Datasheet(PDF) 1 Page - Injoinic Technology Co.,Ltd.

Part # IP5322
Description  2A charge 2.1A / 2.4A discharge integrated DCP function mobile power SOC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5322 Datasheet(HTML) 1 Page - Injoinic Technology Co.,Ltd.

  IP5322 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
IP5407
V1.31
http://www.injoinic.com
1 / 13
Copyright © 2019, Injoinic Corp.
2A charge 2.1A / 2.4A discharge integrated DCP
function mobile power SOC
1 Features
Charge and discharge of synchronous
switch
 2.1A / 2.4A synchronous boost conversion,
2.0A synchronous switch charging
 Boost efficiency up to 93%
 Charging efficiency up to 91%
 Built-in power supply path management,
supporting charging and discharging at the
same time
 Double click to turn on the Output supports
linear compensation of 60mV
charging
 Automatically adjust the charging current to
match the output capability of the adapter
 Support 4.20V,4.35V batteries
Power display
 Support 4/2/1 LED power display
Supports 4 light models: IP5407
Support 2/1 light models: IP5407_2D1D
Multifunction
 Built-in floodlight driver
 Automatically detect phone insertion and
removal
 Integrated mobile phone charging current
intelligent identification DCP
 Support battery NTC temperature protection.
Low power consumption
 Output fixed normally open 5V
 Standby power consumption is less than
150uA
BOM are simple and few
 Built-in power MOS, single inductor realizes
charging and discharging
Multiple protections and high reliability
 Output over-current, over-voltage,
short-circuit protection
 Input overvoltage, overcharge, overdischarge,
overcurrent discharge protection
 over-temperature protection
 ESD:4KV, instantaneous withstand
voltage :11V
2 application
Power bank
Mobile phones, tablets and other portable
devices
3 Introduction
IP5407 is a multi-function power management
soc with integrated boost converter, lithium battery
charge management, and battery power indication,
providing a complete power solution for mobile
power.
IP5407 has high integration and rich functions,
so it only needs few peripheral devices in
application,effectively reduce the size of the overall
solution and reduce BOM cost.
IP5407's synchronous boost system provides
2.1A / 2.4A output current, and the conversion
efficiency is as high as 93%. At light load, it
automatically turns off the LED power indicator
and maintains the 5V voltage output to sleep, and
the quiescent current drops below 150uA.
IP5407 uses switch charging technology to
provide 2.0a current at the input, with charging
efficiency up to 91%.Built-in IC internal
temperature and input voltage detection and
intelligent adjustment of charging current.
IP5407 supports 4, 2, 1 LED power display and
lighting functions.
IP5407 is available in ESOP8 package.


Similar Part No. - IP5322

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP5322 INJOINIC-IP5322 Datasheet
1Mb / 9P
Integrated 7 protocols for fast charging protocol ICs for USB ports
IP5322 INJOINIC-IP5322 Datasheet
1,002Kb / 11P
Integrated 9 protocols for fast charging protocol ICs for USB ports
IP5322 INJOINIC-IP5322 Datasheet
976Kb / 10P
Integrated 8 protocols for fast charging protocol ICs for USB ports
IP5322 INJOINIC-IP5322 Datasheet
897Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
IP5322 INJOINIC-IP5322 Datasheet
905Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
More results

Similar Description - IP5322

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP5209 INJOINIC-IP5209 Datasheet
1Mb / 14P
2.1A Charging 2.4A Discharge Integrated DCP Function Mobile Power SOC
IP5306 INJOINIC-IP5306 Datasheet
891Kb / 10P
2.1A Charging 2.4 A Discharge Highly Integrated Mobile Power SOC
logo
Shenzhen Tianyuan Semic...
SP4502 TPOWER-SP4502 Datasheet
580Kb / 7P
Synchronous charge and discharge mobile power SOC
logo
SHENZHEN FUMAN ELECTRON...
FM3209F FUMAN-FM3209F Datasheet
454Kb / 10P
2.1A Charging 2.1A Discharge Fully Integrated Mobile Power Management IC
FM3211C FUMAN-FM3211C Datasheet
330Kb / 11P
2.1A Charging 2.1A Discharge Fully Integrated Mobile Power Management IC
logo
Shenzhen Tianyuan Semic...
TP4302B TPOWER-TP4302B Datasheet
738Kb / 7P
2.1A Synchronous Mobile Power SOC
logo
SHENZHEN FUMAN ELECTRON...
XPM6012 FUMAN-XPM6012 Datasheet
757Kb / 11P
2.1A Charging 2.4A Discharge Mobile Power Management IC
logo
Shenzhen Huazhimei Semi...
HM5807 HMSEMI-HM5807 Datasheet
567Kb / 6P
Synchronous charge and discharge mobile power SOC
HM5914 HMSEMI-HM5914 Datasheet
597Kb / 7P
Synchronous charge and discharge mobile power SOC
HM5929 HMSEMI-HM5929 Datasheet
935Kb / 13P
3A charging 2.4A discharging Integrated DCP function mobile power SOC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com