Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5322 Datasheet(PDF) 11 Page - Injoinic Technology Co.,Ltd.

Part # IP5322
Description  2A charge 2.1A / 2.4A discharge integrated DCP function mobile power SOC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5322 Datasheet(HTML) 11 Page - Injoinic Technology Co.,Ltd.

Back Button IP5322 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
IP5407
V1.31
http://www.injoinic.com/
11 / 13
Copyright © 2019, Injoinic Corp.
12 Typical application schematic
IP5407 only need inductor, capacitor, resistor to achieve a complete function of the mobile
power solution
Micro-B
VIN
GND
TYPE-A
VOUT
GND
VIN
VOUT
DCP
KEY
LED1
LED2
BAT
SW
1
2
3
4
8
7
6
5
9
TYPE-A
VOUT
GND
BAT+
D1 25%
D2 50%
D3 75%
D4 100%
C1 10uF
C2 10uF
C3 22uF
C5 22uF
R2 20R
R1 510R
R3 51R
R4 51R
DCP
DCP
L1 1.0UH
R5 82K
RNTC 100K
If NTC function is not
needed, R5 sticks 51K,
RNTC can be omitted
R6 2R
If the lighting function is
not needed, R1 and R2 can
be omitted
C6 Option for EMI/NC
VDD
GND
VS
VM
VM
NC
R7
1K
C6
0.1uF
BAT+
BAT-
IP3025 Lithium protection
circuit
C7 22uF
Figure 7 4LED power display typical application schematic
Recommended inductor models:SPM70701R0
DARFON PIN
Inductance
(uH)
Tolerance
DC Resistance
(mΩ)
Heat Rating
Current
DC Amp.
Saturation
Current
DC Amps.
Measuring
Condition
Typ.
Max.
Idc(A)Max.
Isat(A)Max.
SPM70701R0
1.0
±20%
8.5
8
10
12
Recommended lithium battery IC models
INJOINIC
Pack age
Overcharge Detection
Voltage [VCU] (V)
Overdischarge Detection
Voltage [VDL] (V)
Overcurrent
Detection Current [IOV] (A)
IP3025A
SOT23-6
4.3V
2.5V
7A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com