Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5322 Datasheet(PDF) 8 Page - Injoinic Technology Co.,Ltd.

Part # IP5322
Description  2A charge 2.1A / 2.4A discharge integrated DCP function mobile power SOC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5322 Datasheet(HTML) 8 Page - Injoinic Technology Co.,Ltd.

Back Button IP5322 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
IP5407
V1.31
http://www.injoinic.com/
8 / 13
Copyright © 2019, Injoinic Corp.
Key / Lights / NTC
IP5407's keys, lighting lamp drive, and NTC temperature detection are realized by time-multiplexing. Refer
to the schematic diagram in Figure 5
IP5407 can recognize long and short button operation
 The key duration is longer than 50ms, but less than 2s, which is a short press action. A short press will
turn on the power indicator and boost output.
 If the key is pressed for longer than 2s, it is a long-press action. A long-press will turn the lighting LED
on or off.
 There will be no response when the key action is less than 50ms.
IP5407 integrates NTC function to detect battery temperature. When IP5407 is
working, NTC
PIN outputs a current of 20uA. At the same time, it detects the voltage of the NTC PIN to
determine the current battery temperature.
82K RNTC=100K
B=3950
VL=1.32V/1.52V
NTC
COMP
HT
LT
V=20uA*(R1//RNTC)
VH=0.38V/0.56V
key
flashliggt
KEY
Figure 5 Schematic diagram of key, lights, NTC
In the charging state: When NTC PIN detects a voltage of 1.32V, it means that the battery is 0 degrees , and stops
charging the battery;
When NTC PIN detects a voltage of 0.56V, it means that the battery is at 45 degrees, and stops charging the
battery;
In the discharge state:When NTC PIN detects a voltage of 1.52V, it means that the battery is -15 degrees low, and
stops charging to discharge to the outside;
When NTC PIN detects a voltage of 0.38V, it means that the battery is 60 degrees, and stops discharging to
the outside;
If the project does not require NTC, you need to connect the KEY pin to a 51K resistor to GND. Otherwise, it
may cause abnormal charging and discharging. When the IP5407 detects a key press, it will maintain the NTC
detection result before the key is pressed, and the NTC detection returns to normal after the key is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com