Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5322 Datasheet(PDF) 4 Page - Injoinic Technology Co.,Ltd.

Part # IP5322
Description  2A charge 2.1A / 2.4A discharge integrated DCP function mobile power SOC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5322 Datasheet(HTML) 4 Page - Injoinic Technology Co.,Ltd.

  IP5322 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
IP5407
V1.31
http://www.injoinic.com/
4 / 13
Copyright © 2019, Injoinic Corp.
tube
IP5322
18W
4.0A
1,2,3,4
-
-
QFN32
IP5328P
18W
4.0A
1,2,3,4
QFN40
Order model
Order model
Instructions
IP5407
Standard product, support 4 lights display
IP5407_4V35
4.35V battery
IP5407_YYY
Double click to turn on the light
IP5407_YYY_4V35
Double click to turn on the light,4.35V
battery.
IP5407_2D1D
Support two lights and one light display.
IP5407_2D1D _4V35
4.35V battery,support two lights and one
light display
7 Silkscreen instructions
TOP Marking
Injoinic Logo
IP5407
LLLLLLLL
IP5407: Part Number
LLLLLL: Lot ID
Notes:
8 Absolute Maximum Ratings
parameters
symbol
Value
unit
Port input voltage range
VIN
-0.3 ~6
V
Junction Temperature Range
TJ
-40 ~ 150
Storage Temperature Range
Tstg
-60 ~ 150
Thermal Resistance
(Junction to Ambient)
θJA
40
℃/W
ESD (Human Body Model)
ESD
4
KV
* Stresses higher than the values listed in the Absolute Maximum Ratings section may cause permanent damage to
the device. Excessive exposure to any absolute maximum rating conditions may affect device reliability and service
life



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com