Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5322 Datasheet(PDF) 7 Page - Injoinic Technology Co.,Ltd.

Part # IP5322
Description  2A charge 2.1A / 2.4A discharge integrated DCP function mobile power SOC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5322 Datasheet(HTML) 7 Page - Injoinic Technology Co.,Ltd.

Back Button IP5322 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5322 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
IP5407
V1.31
http://www.injoinic.com/
7 / 13
Copyright © 2019, Injoinic Corp.
11 Function description
Boost
IP5407 integrates a Boost DCDC converter with an output of 5V and a load capacity of 2.1A. The switching
frequency is 950KHz, 3.8V input, and the efficiency is 92% at 5V / 2.1A. Built-in soft-start function to prevent
malfunction caused by excessive inrush current during startup. Integrated output over-current, short-circuit,
over-voltage, over-temperature protection functions When an output overcurrent or short circuit is detected, the
output will be restarted every second to ensure that the system works stably and reliably. lP5407 will turn on the
5V boost output and power display after the BAT voltage is greater than 3.2V. When the output current is less
than 50mA and after 36s, the power display will be turned off and the output voltage will be fixed at 5V to enter
the low power consumption mode. When the IP5407 detects that the BAT voltage is lower than 3.0V, it will turn
off the output. After the BAT voltage rises, it needs to be charged and activated to output normally.
Figure 4 Boost efficiency curve
Charge
IP5407 has a constant current, constant voltage lithium battery charger with a synchronous switch structure.
When the battery voltage is less than 3v, 100mA slip current charging is used; when the battery voltage is greater
than 3V, it enters constant current charging, and the VIN input current limiting loop works; when the battery
voltage is greater than 4.2V, it enters constant voltage charging.After the charging is completed, if the battery
voltage is lower than 4.1V, restart the battery charging
P5407 adopts switch charging technology, with a switching frequency of 500KHz and a charging current of
2.0A at the VIN input terminal. The charging efficiency is up to 91%.
Adaptive power path management, support charge and discharge simultaneously.
IP5407 charging will automatically adjust the charging current to adapt to adapters with different load
capacities, without pulling the charger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com