Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPD40R385CP Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPD40R385CP
Description  600V CoolMOS™ CP Power Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD40R385CP Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPD40R385CP_V01 Datasheet HTML 1Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 2Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 3Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 4Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 5Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 6Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 7Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 8Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
9?5-'@*/,4?
!,B48?8฀<,>492=฀5G฀, Z฀W ฀HB@9FF฀CG<9EJ=F9฀FD97=:=98
?HXHTLZLX
A_TIVS 4VUKPZPVUY
CUPZ
CBG=BHCHF฀8=C89฀:CEJ5E8฀7HEE9BG
( K
9
!=C89฀DH@F9฀7HEE9BG
+#
( K%`d\bU
+0
.9I9EF9฀8=C89฀82 (T1
-#
T2 (T1
*.
N(^b
?HXHTLZLX
A_TIVS 4VUKPZPVUY
CUPZ
TPU%
Z_W%
TH^%
&30<8,7฀.3,<,.>0<4=>4.=
0<9EA5@฀E9F=FG5B79 ฀>HB7G=CB฀฀75F9
+ cXC<
&
&
*'.
D(O
+ cXC9
/*!฀I9EF=CB ฀89I=79฀
CB฀,  ฀A=B=A5@฀
V__c`aY^c
&
&
/+
/*!฀I9EF=CB ฀89I=79฀
CB฀,  ฀฀7A
+ 7CC@=B;฀
QaUQ
.#
&
,.
&
/C@89E=B;฀G9AD9E5GHE9 ฀
aUV\_fb_\TUaY^W
, b_\T
E9:@CJ฀*/)

W
70.><4.,7฀.3,<,.>0<4=>4.=฀5G฀, Z฀W ฀HB@9FF฀CG<9EJ=F9฀FD97=:=98
%>,>4.฀.3,<,.>0<4=>4.=
!E5=BFCHE79฀6E95?8CJB฀IC@G5;9
- ";J#=KK - @K฀2 ฀( =฀Y
/))
&
&
N
$5G9฀G<E9F<C@8฀IC@G5;9
- @K"cX#
- =K6- @K ฀( = ฀A
+'.
,
,'.
49EC฀;5G9฀IC@G5;9฀8E5=B฀7HEE9BG
( =KK
- =K฀2 ฀- @K฀2 ฀
, Z฀W
&
&
*
u9
- =K฀2 ฀- @K฀2 ฀
, Z฀W
&
*)
&
$5G9FCHE79฀@95?5;9฀7HEE9BG
( @KK
- @K฀2 ฀- =K฀2
&
&
*))
^9
!E5=BFCHE79฀CBFG5G9฀E9F=FG5B79
+ =K"_^#
- @K฀2 ฀( = ฀ ฀
, Z฀W
&
)',.
)',1.
"
- @K฀2 ฀( = ฀ ฀
, Z฀W
&
)'2-
&
$5G9฀E9F=FG5B79
+ @
/ ฀*%M ฀CD9B฀8E5=B
 
"
DHS[L
, <฀W
.'+
DHS[LY
0<9EA5@฀E9F=FG5B79 ฀>HB7G=CB฀฀
Q]RYU^c
D5;9฀
.9I ฀
2.
6
2020-05-10
reflow MSL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com