Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPD40R385CP Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPD40R385CP
Description  600V CoolMOS™ CP Power Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD40R385CP Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPD40R385CP_V01 Datasheet HTML 1Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 2Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 3Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 4Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 5Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 6Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 7Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 8Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CoolMOS™CP600V
600VCoolMOS™CPPowerTransistor
IPD60R385CP
DataSheet
Rev.2.6
Final
PowerManagement&Multimarket


Similar Part No. - IPD40R385CP_V01

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD400N06N ISC-IPD400N06N Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPD400N06NG INFINEON-IPD400N06NG Datasheet
352Kb / 9P
OptiMOS짰 Power-Transistor
Rev. 1.1 2006-04-20
IPD400N06NG INFINEON-IPD400N06NG Datasheet
509Kb / 9P
OptiMOS짰 Power-Transistor Features N-channel enhancement - normal level Avalanche rated
Rev. 1.3 2008-09-01
IPD400N06NG INFINEON-IPD400N06NG_08 Datasheet
509Kb / 9P
OptiMOS짰 Power-Transistor Features N-channel enhancement - normal level Avalanche rated
Rev. 1.3 2008-09-01
IPD40DP06NM INFINEON-IPD40DP06NM Datasheet
890Kb / 10P
MOSFET OptiMOSTM Power Transistor, -60 V
Rev. 2.0, 2019-03-26
More results

Similar Description - IPD40R385CP_V01

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPL60R199CP INFINEON-IPL60R199CP Datasheet
1Mb / 13P
600V CoolMOS CP Power Transistor
Rev. 2.0, 2010-10-01
IPL60R299CP INFINEON-IPL60R299CP Datasheet
1Mb / 13P
600V CoolMOS CP Power Transistor
Rev. 2.0, 2010-10-01
IPL60R385CP INFINEON-IPL60R385CP Datasheet
1Mb / 13P
600V CoolMOS CP Power Transistor
Rev. 2.0, 2010-10-01
IPA60R650CE INFINEON-IPA60R650CE Datasheet
1Mb / 17P
600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPD60R1K5CE INFINEON-IPD60R1K5CE Datasheet
2Mb / 16P
600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPD60R800CE INFINEON-IPD60R800CE Datasheet
1Mb / 17P
600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPA60R190E6 INFINEON-IPA60R190E6_15 Datasheet
958Kb / 18P
600V CoolMOS™ E6 Power Transistor
Rev. 2.3, 2014-12-02
IPL60R650P6S INFINEON-IPL60R650P6S Datasheet
1Mb / 14P
600V CoolMOS™ P6 Power Transistor
Rev. 2.0, 2014-07-08
IPW60R070P6 INFINEON-IPW60R070P6 Datasheet
1Mb / 15P
600V CoolMOS™ P6 Power Transistor
Rev. 2.0, 2014-03-07
IPD60R385CP INFINEON-IPD60R385CP_15 Datasheet
595Kb / 11P
600V CoolMOS??CP Power Transistor
2015-02-02 revision:2.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com