Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPD40R385CP Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IPD40R385CP
Description  600V CoolMOS™ CP Power Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD40R385CP Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IPD40R385CP_V01 Datasheet HTML 3Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 4Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 5Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 6Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 7Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 8Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 9Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 10Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
9?5-'@*/,4?
D5;9฀
.9I ฀
2.
6
20
20-05-10
MILLIMETERS
4.57
2.29
L4
D
N
H
E1
e1
e
E
D1
L3
1.18
0.51
0.89
5.02
9.40
6.35
4.32
5.97
3
b3
A
DIMENSION
b2
c
b
c2
A1
4,95
MIN.
2.16
0.64
0.46
0.65
0.40
0.00
1.78
1.02
5.50
5.84
6.22
6.73
1.27
10.48
5.50
MAX.
2.41
0.15
1.15
0.61
0.89
0.98
L
1
REVISION
07
01.04.2020
ISSUE DATE
EUROPEAN PROJECTION
0
SCALE:
2mm
DOCUMENT NO.
Z8B00003328
10:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com