Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPD40R385CP Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPD40R385CP
Description  600V CoolMOS™ CP Power Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD40R385CP Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPD40R385CP_V01 Datasheet HTML 2Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 3Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 4Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 5Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 6Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 7Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 8Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 9Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
9?5-'@*/,4?
฀&C; ฀:?>;?>฀.3,<,.>0<4=>4.=
฀&C; ฀/<,49=:?<.0฀:9=>,>0฀<0=4=>,9.0
( =6V"- =K฀, Z฀W
+ =K"_^#6V"( =฀, Z฀W
D5E5A9G9E฀- @K
D5E5A9G9E฀- @K
฀<,49=:?<.0฀:9=>,>0฀<0=4=>,9.0
฀&C; ฀><,9=10<฀.3,<,.>0<4=>4.=
+ =K"_^#6V", Z฀( = ฀฀- @K฀2
( =6V"- @K฀N- =Kj7+j( =j+ =K"_^#]Qg
D5E5A9G9E฀, Z
ch`
฀
'
'%)
'%+
'%-
'%/
(
(%)
$-'
$)'
)'
-'
(''
(+'
(/'
'
Q฀*F+
฀W
฀W
'
+
/
()
(-
)'
)+
)/
*)
*-
+'
'
)
+
-
/
('
(
8A฀*(+
 ฀2
฀2
 ฀2
฀2
฀2
฀2
฀2
฀2
'
)
+
-
/
('
()
(+
(-
'
,
('
(,
)'
(
5A฀*(+
฀2
 ฀2
฀2
 ฀2
฀2
฀2
'
'%)
'%+
'%-
'%/
(
(%)
(%+
(%-
'
,
('
(,
#
5฀*+
D5;9฀
.9I ฀
2.
6
2020-05-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com