Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPD40R385CP Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPD40R385CP
Description  600V CoolMOS™ CP Power Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD40R385CP Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPD40R385CP_V01 Datasheet HTML 1Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 2Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 3Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 4Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 5Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 6Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 7Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 8Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
9?5-'@*/,4?
?HXHTLZLX
A_TIVS 4VUKPZPVUY
CUPZ
TPU%
Z_W%
TH^%
C9,84.฀.3,<,.>0<4=>4.=
&BDHG฀75D57=G5B79
% Ybb
&
02)
&
`?
+HGDHG฀75D57=G5B79
% _bb
&
,1
&
"::97G=I9฀CHGDHG฀75D57=G5B79 ฀9B9E;L฀
aU\QcUT
/#
% _"Ua#
&
,/
&
"::97G=I9฀CHGDHG฀75D57=G5B79 ฀G=A9฀
aU\QcUT
0#
% _"ca#
&
2/
&
0HEBCB฀89@5L฀G=A9
1 T"_^#
&
*)
&
^b
.=F9฀G=A9
1 a
&
.
&
0HEBC::฀89@5L฀G=A9
1 T"_VV#
&
-)
&
#5@@฀G=A9
1 V
&
.
&
)
$5G9฀ <5E;9฀ <5E57G9E=FG=7F
$5G9฀GC฀FCHE79฀7<5E;9
* Wb
&
-
&
^<
$5G9฀7<5E;9฀5G฀G<E9F<C@8
* W"cX#
&
-'/
/'+
$5G9฀GC฀8E5=B฀7<5E;9
* WT
&
/
&
/J=G7<=B;฀7<5E;9
* bf
&
*+
*0
$5G9฀7<5E;9฀GCG5@
* W
&
*0
++
$5G9฀D@5G95H฀IC@G5;9
- `\QcUQd
&
.')
&
N
$0@0<=0฀4:/0
!=C89฀:CEJ5E8฀IC@G5;9
- K=
- @K฀2 ฀( ? ฀ ฀
, Z฀W
&
)'2
*'+
N
.9I9EF9฀E97CI9EL฀G=A9
1 aa
&
+/)
&
^b
.9I9EF9฀E97CI9EL฀7<5E;9
* aa
&
,'*
&
u<
,95?฀E9I9EF9฀E97CI9EL฀7HEE9BG
( aa]
&
+-
&
9
- J฀2 ฀( ?6( K ฀
T0 ?(T1 ฀ YF
DHS[LY
- @K฀2 ฀- =K฀2 ฀
/ ฀*%M
- ==฀2 ฀
- @K฀2 ฀( = ฀ ฀
+ @ ฀"
- ==฀2 ฀( = ฀ ฀
- @K฀GC฀฀2
- @K฀2 ฀- =K฀2฀
GC฀฀2
+#฀,H@F9฀J=8G<฀1
`฀@=A=G98฀6L฀, Z%]Qg
,#฀.9D9G=G=I9฀5I5@5B7<9฀75HF9F฀588=G=CB5@฀DCJ9E฀@CFF9F฀G<5G฀75B฀69฀75@7H@5G98฀5F฀)
9N6' 9J$/#
-#฀&
K=
"B= ฀8= 8G" YF ฀2=<\Y^[2 ฀2`UQ[5N";J#=KK ฀0Z5LZ]Qg ฀=89BG=75@฀@CJ฀F=89฀5B8฀<=;<฀F=89฀FJ=G7<
.#฀!9I=79฀CB฀AAAA AA฀9DCKL฀, ฀#.฀J=G<฀7A฀CB9฀@5L9E ฀YA฀G<=7?฀7CDD9E฀5E95฀:CE฀8E5=B฀7CBB97G=CB ฀
, ฀=F฀J=G<CHG฀6@CJB฀5=E
/# %
_"Ua#฀=F฀5฀:=K98฀75D57=G5B79฀G<5G฀;=I9F฀G<9฀F5A9฀FGCE98฀9B9E;L฀5F฀% _bb฀J<=@9฀- =K฀=F฀E=F=B;฀:ECA฀฀GC฀฀- =KK'
0# %
_"ca#฀=F฀5฀:=K98฀75D57=G5B79฀G<5G฀;=I9F฀G<9฀F5A9฀7<5E;=B;฀G=A9฀5F฀% _bb฀J<=@9฀- =K฀=F฀E=F=B;฀:ECA฀฀GC฀฀- =KK'
D5;9฀
.9I ฀
2.
6
2020-05-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com