Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPD40R385CP Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPD40R385CP
Description  600V CoolMOS™ CP Power Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD40R385CP Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPD40R385CP_V01 Datasheet HTML 1Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 2Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 3Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 4Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 5Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 6Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 7Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 8Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
9?5-'@*/,4?
4VVS=>A
a฀#:A0<฀&<,9=4=>:<
7LHZ[XLY
T฀3CE@8J=89฀69FG฀+ 8F CB฀=B฀0+
T฀1@GE5฀@CJ฀;5G9฀7<5E;9
T฀,6:E99฀@958฀D@5G=B;฀.C%/฀7CAD@=5BG
::7!"%฀#฀4=฀=;0.4,77C฀/0=4290/฀1:<
T฀%5E8฀FJ=G7<=B;฀/*,/฀GCDC@C;=9F
!,B48?8฀<,>492=฀5G฀, Z฀W ฀HB@9FF฀CG<9EJ=F9฀FD97=:=98
?HXHTLZLX
A_TIVS 4VUKPZPVUY
CUPZ
CBG=BHCHF฀8E5=B฀7HEE9BG
( =
, <฀W
9
, <฀W
,H@F98฀8E5=B฀7HEE9BG
+#
( =%`d\bU
, <฀W
I5@5B7<9฀9B9E;L ฀F=B;@9฀DH@F9
' 9K
( = ฀ ฀- ==฀2
++0
]C
I5@5B7<9฀9B9E;L ฀E9D9G=G=I9฀1 9J
+#%,#
' 9J
( = ฀ ฀- ==฀2
I5@5B7<9฀7HEE9BG ฀E9D9G=G=I9฀1 9J
+#%,#
( 9J
9
*+/#"0฀82 (T1 ฀EH;;98B9FF
82 (T1
- =K ฀2
N(^b
$5G9฀FCHE79฀IC@G5;9
- @K
bcQcYS
N
 ฀/ ฀%M
,CJ9E฀8=FF=D5G=CB
) c_c
, <฀W
O
+D9E5G=B;฀5B8฀FGCE5;9฀G9AD9E5GHE9
, Z ฀, bcW
s<
t,)
1,
฀ ฀
)',
,
.)
t+)
DHS[L
2')
.'0
+0
T฀"KGE9A9฀8I 8G฀E5G98
T฀%=;<฀D95?฀7HEE9BG฀75D56=@=GL
T฀
Fully qH5@=:=98฀according to JEDEC ฀   ฀  ฀฀
- !/฀฀0Z%]Qg
/.)
N
+ =K"_^#%]Qg
)',1.
"
* W%ch`
*0
^<
#<:/?.>฀%?88,<C
B_WL
?HJRHNL
"</0<492฀:/0
=HXRPUN
BH=/)J,1.<H
H@&LG+.+
KH))),)0,1*
฀.,
H@&LG+.+
D5;9฀
.9I ฀
2.
6
2020-05-10
, available in Halogen free mold compound



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com