Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPD40R385CP Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPD40R385CP
Description  600V CoolMOS™ CP Power Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD40R385CP Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPD40R385CP_V01 Datasheet HTML 1Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 2Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 3Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 4Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 5Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 6Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 7Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 8Page - Infineon Technologies AG IPD40R385CP_V01 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
9?5-'@*/,4?
฀#:A0<฀/4==4;,>4:9
฀%,10฀:;0<,>492฀,<0,
) c_c6V", <#
( =6V"- =K฀, <฀W ฀& 6)
D5E5A9G9E฀1 `
฀!,B ฀><,9=409>฀>30<8,7฀48;0/,9.0
฀&C; ฀:?>;?>฀.3,<,.>0<4=>4.=
. cXC<6V"1 H#
( =6V"- =K฀, Z฀W
D5E5A9G9E฀&$1 `(,
D5E5A9G9E฀- @K
'
)'
+'
-'
/'
(''
'
+'
/'
()'
(-'
'
4฀*F+
฀YF
฀YF
฀YF
฀AF
฀AF
=<
('
*
('
)
('
(
('
'
('
)
('
(
('
'
('
$(
(
5A฀*(+
F=B;@9฀DH@F9
)')*
)')+
)').
)'*
)'+
)'.
('
'
('
$(
('
$)
('
$*
('
$+
('
$,
('
(
('
'
('
$(
('
$)
*
W฀*=+
 ฀2
฀2
 ฀2
฀2
฀2
฀2
฀2
฀2
'
,
('
(,
)'
),
'
,
('
(,
)'
(
5A฀*(+
@=A=G98฀6L฀CBFG5G9
aUbYbcQ^SU
D5;9฀
.9I ฀
2.
6
2020-05-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com