Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9018 Datasheet(PDF) 17 Page - ESS Technology,Inc

Part # ES9018
Description  Reference 32-bit Audio DAC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018 Datasheet(HTML) 17 Page - ESS Technology,Inc

Back Button ES9018 Datasheet HTML 13Page - ESS Technology,Inc ES9018 Datasheet HTML 14Page - ESS Technology,Inc ES9018 Datasheet HTML 15Page - ESS Technology,Inc ES9018 Datasheet HTML 16Page - ESS Technology,Inc ES9018 Datasheet HTML 17Page - ESS Technology,Inc ES9018 Datasheet HTML 18Page - ESS Technology,Inc ES9018 Datasheet HTML 19Page - ESS Technology,Inc ES9018 Datasheet HTML 20Page - ESS Technology,Inc ES9018 Datasheet HTML 21Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
2.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
COM
17
ES9018S Product Datasheet
Register Map
Addr
(Hex)
Addr
(Dec)
Register
7
6
5
4
3
2
1
0
0x0
0
VOLUME OF DAC 0
VOLUME_DAC0
0x1
1
VOLUME OF DAC 1
VOLUME_DAC1
0x2
2
VOLUME OF DAC 2
VOLUME_DAC2
0x3
3
VOLUME OF DAC 3
VOLUME_DAC3
0x4
4
VOLUME OF DAC 4
VOLUME_DAC4
0x5
5
VOLUME OF DAC 5
VOLUME_DAC5
0x6
6
VOLUME OF DAC 6
VOLUME_DAC6
0x7
7
VOLUME OF DAC 7
VOLUME_DAC7
0x8
8
AUTOMUTE LEVEL
SPDIF_ENAB
LE
AUTOMUTE_LEVEL
0x9
9
AUTOMUTE TIME
AUTOMUTE_TIME
0xA
10
MODE CONTROL 1
SERIAL_DATA_LENGTH
SERIAL_DATA_MODE
RESERVED
JITTER_RED
UCTION_EN
ABLE
BYPASS_DEE
MPHASIS_FI
LTER
MUTE_DAC
0xB
11
MODE CONTROL 2
RESERVED
DPLL_BANDWIDTH
DE_EMPHASIS_SELECT
0xC
12
RESERVED
RESERVED
0xD
13
DAC POLARITY
POLARITY_D
AC8
POLARITY_D
AC7
POLARITY_D
AC6
POLARITY_D
AC5
POLARITY_D
AC4
POLARITY_D
AC3
POLARITY_D
AC2
POLARITY_D
AC1
0xE
14
IIR BANDWIDTH AND FIR
ROLLOFF
SOURCE_DA
C8
SOURCE_DA
C7
SOURCE_DA
C4
SOURCE_DA
C3
RESERVED
IIR_BANDWIDTH
FIR_ROLLOF
F_SPEED
0xF
15
RESERVED
RESERVED
0x10
16
AUTOMUTE LOOPBACK
RESERVED
AUTOMUTE
_LOOPBACK
RESERVED
0x11
17
MODE CONTROL 5
MONO_CH_
SEL
OSF_BYPASS
DPLL_LOCK_
RST_REG
AUTO_DEE
MPH
SPDIF_AUTO
DETECT
FIR_LENGTH
FIN_PHASE_
FLIP
ALL_MONO
0x12
18
SPDIF SOURCE
SPDIF_SOURCE
0x13
19
DACB POLARITY
POLARITY_D
AC8B
POLARITY_D
AC7B
POLARITY_D
AC6B
POLARITY_D
AC5B
POLARITY_D
AC4B
POLARITY_D
AC3B
POLARITY_D
AC2B
POLARITY_D
AC1B
0x14
20
MASTER TRIM
MASTER_TRIM
0x15
21
MASTER TRIM
MASTER_TRIM
0x16
22
MASTER TRIM
MASTER_TRIM
0x17
23
MASTER TRIM
MASTER_TRIM
0x18
24
PHASE SHIFT
RESERVED
PHASE_SHIFT
0x19
25
DPLL MODE CONTROL
RESERVED
DPLL_BW_D
EFAULTS
DPLL_BW_1
28X
0x1A
26
RESERVED
RESERVED
0x1B
27
STATUS
RESERVED
DSD_PCM
SPDIF_VALID
SPDIF_EN
LOCK
0x1C
28
DPLL NUM
DPLL_NUM
0x1D
29
DPLL NUM
DPLL_NUM
0x1E
30
DPLL NUM
DPLL_NUM
0x1F
31
DPLL NUM
DPLL_NUM
0x25
37
FIR COEFFICIENTS
RESERVED
STAGE1_PR
OG_COEFF_
ENABLED
STAGE1_PR
OGRAMMIN
G_ENABLED
RESERVED
STAGE2_PR
OG_COEFF_
ENABLED
STAGE2_PR
OGRAMMIN
G_ENABLED
0x26
38
STAGE 1 FIR COEFFICIENTS
STAGE1_FIR_COEFFICIENTS
0x27
39
STAGE 1 FIR COEFFICIENTS
STAGE1_FIR_COEFFICIENTS
0x28
40
STAGE 1 FIR COEFFICIENTS
STAGE1_FIR_COEFFICIENTS
0x29
41
STAGE 1 FIR COEFFICIENTS
STAGE1_FIR_COEFFICIENTS
0x2A
42
RESERVED
RESERVED
0x2B
43
RESERVED
RESERVED
0x2C
44
RESERVED
RESERVED
0x2D
45
RESERVED
RESERVED
0x30
48
SPDIF CHANNEL STATUS
DATA
SPDIF_CHANNEL_STATUS_DATA
0x31
49
SPDIF CHANNEL STATUS
DATA
SPDIF_CHANNEL_STATUS_DATA
0x32
50
SPDIF CHANNEL STATUS
DATA
SPDIF_CHANNEL_STATUS_DATA
0x33
51
SPDIF CHANNEL STATUS
DATA
SPDIF_CHANNEL_STATUS_DATA
0x34
52
SPDIF CHANNEL STATUS
DATA
SPDIF_CHANNEL_STATUS_DATA
0x35
53
SPDIF CHANNEL STATUS
DATA
SPDIF_CHANNEL_STATUS_DATA
0x36
54
SPDIF CHANNEL STATUS
DATA
SPDIF_CHANNEL_STATUS_DATA
0x37
55
SPDIF CHANNEL STATUS
DATA
SPDIF_CHANNEL_STATUS_DATA
0x38
56
SPDIF CHANNEL STATUS
DATA
SPDIF_CHANNEL_STATUS_DATA
0x39
57
SPDIF CHANNEL STATUS
DATA
SPDIF_CHANNEL_STATUS_DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com