Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9018 Datasheet(PDF) 8 Page - ESS Technology,Inc

Part # ES9018
Description  Reference 32-bit Audio DAC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018 Datasheet(HTML) 8 Page - ESS Technology,Inc

Back Button ES9018 Datasheet HTML 4Page - ESS Technology,Inc ES9018 Datasheet HTML 5Page - ESS Technology,Inc ES9018 Datasheet HTML 6Page - ESS Technology,Inc ES9018 Datasheet HTML 7Page - ESS Technology,Inc ES9018 Datasheet HTML 8Page - ESS Technology,Inc ES9018 Datasheet HTML 9Page - ESS Technology,Inc ES9018 Datasheet HTML 10Page - ESS Technology,Inc ES9018 Datasheet HTML 11Page - ESS Technology,Inc ES9018 Datasheet HTML 12Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
2.3
ES9018S Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
8
42 AVCC_R
-
Analog Power (+3.3V) for Right channels
43 AGND_R
-
Analog Ground for Right channels
44 DAC4
O
Differential Positive Analog Output 4
45 DAC4B
O
Differential Negative Analog Output 4
46 DAC2B
O
Differential Negative Analog Output 2
47 DAC2
O
Differential Positive Analog Output 2
48 VDD_R
-
Analog Power (+1.2V) for Right channels
49 AVCC_R
-
Analog Power (+3.3V) for Right channels
50 AGND_R
-
Analog Ground for Right channels
51 GND
-
Digital Ground
52 DATA8
I
DSD Data8 OR SPDIF Input8
53 DATA7
I
DSD Data7 OR SPDIF Input7
54 DATA6
I
DSD Data6 OR SPDIF Input6
55 DATA5
I
DSD Data5 OR PCM Data CH7/CH8 OR SPDIF Input5
56 DATA4
I
DSD Data4 OR PCM Data CH5/CH6 OR SPDIF Input4
57 DATA3
I
DSD Data3 OR PCM Data CH3/CH4 OR SPDIF Input3
58 DATA2
I
DSD Data2 OR PCM Data CH1/CH2 OR SPDIF Input2
59 DATA1
I
DSD Data1 OR PCM Frame Clock OR SPDIF Input1
60 DATA_CLK
I
PCM Bit Clock OR DSD Bit Clock
61 VDD
-
Digital Power (+1.2V) for core of chip
62 DVCC_T
-
Digital Power (+3.3V) for top pad ring of chip
63 AGND_L
-
Analog Ground for Left channels
64 AVCC_L
-
Analog Power (+3.3V) for Left channels
Table 1 - Pin Descriptions
5V Tolerant Pins
The following pins are 5V tolerant:
•
DATA_CLK
•
DATA 1-8
•
SCL
•
SDA
•
ADDR
•
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com