Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9018 Datasheet(PDF) 11 Page - ESS Technology,Inc

Part # ES9018
Description  Reference 32-bit Audio DAC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018 Datasheet(HTML) 11 Page - ESS Technology,Inc

Back Button ES9018 Datasheet HTML 7Page - ESS Technology,Inc ES9018 Datasheet HTML 8Page - ESS Technology,Inc ES9018 Datasheet HTML 9Page - ESS Technology,Inc ES9018 Datasheet HTML 10Page - ESS Technology,Inc ES9018 Datasheet HTML 11Page - ESS Technology,Inc ES9018 Datasheet HTML 12Page - ESS Technology,Inc ES9018 Datasheet HTML 13Page - ESS Technology,Inc ES9018 Datasheet HTML 14Page - ESS Technology,Inc ES9018 Datasheet HTML 15Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
2.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
COM
11
ES9018S Product Datasheet
Feature Descriptions
Soft Mute
When Mute is asserted the output signal will ramp to the – level. When Mute is reset the attenuation level will ramp back up to the previous level set
by the volume control register. Asserting Mute will not change the value of the volume control register. The ramp rate is 0.0078125 x fs dB/s, where
fs = DATA_CLK / 64 in PCM serial or DSD modes, or SPDIF sampling rate in SPDIF mode.
Automute
During an automute condition the ramping of the volume of each DAC to – can now be programmatically enabled or disabled.
o
In PCM serial mode, “AUTOMUTE” will become active once the audio data is continuously below the threshold set by <Register Automute_lev>,
for a length of time defined by 2096896 / (<Register#9> x DATA_CLK) Seconds.
o
In SPDIF mode, “AUTOMUTE” will become active once the audio data is continuously below the threshold set by <Register Automute_lev>, for
a length of time defined by 2096896 / (<Register#9> x (64 x Fs) Seconds, where Fs is the SPDIF sampling rate.
o
In the DSD Mode, “AUTOMUTE” will become active when any 8 consecutive values in the DSD stream have as many 1’s and 0’s for a length of
time defined by 2096896 / (<Register Automute_time> x DATA_CLK) Seconds. The following table summarizes the conditions.
Mode
Detection Condition
Time
PCM
Data is continuously lower than <Register
Automute_lev>
2096896 / (<Register Automute_time > x DATA_CLK)
SPDIF
Data is continuously lower than <Register
Automute_lev>
2096896 / (<Register Automute_time > x (64 x Fs))
where Fs is the SPDIF sampling rate
DSD
Equal number of 1s and 0s in every 8 bits of
data
2096896 / (<Register Automute_time > x DATA_CLK)
Table 6 - Automute configurations
Volume Control
Each output channel has its own attenuation circuit. The attenuation for each channel is controlled independently. Each channel can be attenuated
from 0dB to –127dB in 0.5dB steps.
Each 0.5dB step transition takes 64 intermediate levels. The result being that the level changes are done using small enough steps so that no
switching noise occurs during the transition of the volume control. When a new volume level is set, the attenuation circuit will ramp softly to the new
level.
Master Trim
The master trim sets the 0dB reference level for the volume control of each DAC. The master trim is programmable via registers 20-23 and is a 32bit
signed number. Therefore it should never exceed 32'h7FFFFFFF (as this is full-scale signed).
All Mono Mode
The SABRE32 can be put into an all mono mode where all eight DACs are driven from the same source. This can be useful for high-end audio
applications. The source data for all eight DACs can be programmatically configured to be either PCM CH1 or CH2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com