Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9018 Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES9018
Description  Reference 32-bit Audio DAC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018 Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES9018 Datasheet HTML 1Page - ESS Technology,Inc ES9018 Datasheet HTML 2Page - ESS Technology,Inc ES9018 Datasheet HTML 3Page - ESS Technology,Inc ES9018 Datasheet HTML 4Page - ESS Technology,Inc ES9018 Datasheet HTML 5Page - ESS Technology,Inc ES9018 Datasheet HTML 6Page - ESS Technology,Inc ES9018 Datasheet HTML 7Page - ESS Technology,Inc ES9018 Datasheet HTML 8Page - ESS Technology,Inc ES9018 Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Analog Reinvented
ES9018S
Reference 32-bit Audio DAC
Product Datasheet
Patented 32-bit HyperStreamTM DAC
o
Up to 135dB DNR
–120dB THD+N
Industry’s highest performance 32-bit audio DAC with unprecedented dynamic range and
ultra-low distortion
Patented Time Domain Jitter Eliminator
Unmatched audio clarity free from input clock jitter
64-bit accumulator and 32-bit processing
Distortion free signal processing
Universal digital input for up to 1.536MHz1 sampling
rate
Supports SPDIF, PCM (I2S, MSB / LSB justified 16-32-bit) or DSD input with DVD Audio
and SACD compatibility.
Integrated DSP functions
Click-free soft mute and volume control
Programmable filter characteristics for PCM / DSD
Programmable Zero detect
De-emphasis for 32kHz, 44.1kHz, and 48kHz sampling
Customizable output configuration
Mono, stereo, 8-channel output in current- or voltage-mode based on performance
criterion
Customizable filter characteristics
User-programmable filter allowing custom roll-off response
100mW power consumption
Simplifies power supply design
APPLICATIONS
•
Blu-ray / SACD / DVD-Audio player
•
Audio preamplifier and receiver
•
A/V processor
•
Professional audio recording systems and mixing consoles
•
Digital audio workstation
The SABRE32 Reference audio DAC series is the world’s highest performance 32-bit audio DAC solution targeted for consumer applications such
as Blu-ray players, audio pre-amplifiers, A/V receivers and professional applications such as recording systems, mixer consoles and digital audio
workstations.
Part
Number
Description
Package
DNR (dB)
THD (dB)
32-bit
DAC
I2S / DSD
Input
SPDIF
Input
Jitter
Reduction
ES9018
SABRE32 Reference
8-Channel Audio DAC
64-LQFP
135 (mono)
129 (8-Ch)
–120
Yes
Yes
Yes
Yes
With ESS’ patented 32-bit HyperStreamTM DAC architecture and Time Domain Jitter Eliminator, the SABRE32 Reference Stereo DAC delivers an
unprecedented DNR of up to 135dB and THD+N of –120dB, the industry’s highest performance level that will satisfy the most demanding audio
enthusiasts.
The SABRE32 Reference audio DAC’s 32-bit HyperStreamTM architecture can handle full 32-bit PCM data via I2S input, as well as DSD or SPDIF
data. The SABRE32 Reference supports up to 1.536MHz input sampling rates and consumes less than 100mW.
The SABRE32 Reference DACs set the standard for HD audio performance, SABRE SOUNDTM, in a cost-effective, easy-to-use form factor for
today’s most demanding digital-audio applications.
Feature
Description


Similar Part No. - ES9018

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9018 ESS-ES9018 Datasheet
276Kb / 2P
32-bit Hyperstream??Audio DAC
ES9018 ESS-ES9018 Datasheet
75Kb / 2P
Reference 32-bit Audio DAC
ES9018 ESS-ES9018 Datasheet
710Kb / 35P
Reference 32-bit Audio DAC Datasheet
Rev. 1.2 February 11, 2010
ES9018K2M ESS-ES9018K2M Datasheet
65Kb / 2P
32-bit Stereo Mobile Audio DAC
ES9018K2M ESS-ES9018K2M Datasheet
1Mb / 41P
32-bit Stereo Low Power Audio DAC
March 26, 2021
More results

Similar Description - ES9018

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9018 ESS-ES9018 Datasheet
276Kb / 2P
32-bit Hyperstream??Audio DAC
ES9016K2M ESS-ES9016K2M Datasheet
53Kb / 2P
Ultra 32-bit Stereo Mobile Audio DAC
ES9016S ESS-ES9016S Datasheet
69Kb / 2P
Ultra 32-bit 8-Channel Audio DAC
ES9018K2M ESS-ES9018K2M Datasheet
65Kb / 2P
32-bit Stereo Mobile Audio DAC
ES9018 ESS-ES9018_V01 Datasheet
75Kb / 2P
Reference 32-bit Audio DAC
ES9028PRO ESS-ES9028PRO Datasheet
1Mb / 57P
32-Bit HyperStream짰 II 8-Channel Audio DAC
ES9026PRO ESS-ES9026PRO Datasheet
1Mb / 57P
32-Bit HyperStream짰 II 8-Channel Audio DAC
ES9038Q2M ESS-ES9038Q2M Datasheet
1Mb / 65P
32-Bit Stereo Low Power Audio DAC
July 17, 2019
ES9028Q2M ESS-ES9028Q2M Datasheet
1Mb / 45P
32-Bit Stereo Low Power Audio DAC
January 16, 2020
ES9012 ESS-ES9012 Datasheet
710Kb / 35P
Reference 32-bit Audio DAC Datasheet
Rev. 1.2 February 11, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com