Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9018 Datasheet(PDF) 33 Page - ESS Technology,Inc

Part # ES9018
Description  Reference 32-bit Audio DAC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018 Datasheet(HTML) 33 Page - ESS Technology,Inc

Back Button ES9018 Datasheet HTML 29Page - ESS Technology,Inc ES9018 Datasheet HTML 30Page - ESS Technology,Inc ES9018 Datasheet HTML 31Page - ESS Technology,Inc ES9018 Datasheet HTML 32Page - ESS Technology,Inc ES9018 Datasheet HTML 33Page - ESS Technology,Inc ES9018 Datasheet HTML 34Page - ESS Technology,Inc ES9018 Datasheet HTML 35Page - ESS Technology,Inc ES9018 Datasheet HTML 36Page - ESS Technology,Inc ES9018 Datasheet HTML 37Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
2.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
COM
33
ES9018S Product Datasheet
Read Write Registers
Register 37: FIR COEFFICIENTS
Bits
[7:6]
[5]
[4]
[3:2]
[1]
[0]
Default
2'b00
1'b0
1'b0
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[7:6]
RESERVED
NA
[5]
STAGE1_PROG_COEFF_ENABLED
Stage 1 FIR filter custom coefficient control.
•
1'b1: The stage 1 interpolating FIR filter will use the
downloaded (custom) coefficients.
•
1'b0: The stage 1 interpolating FIR filter will use the
built-in coefficients
[4]
STAGE1_PROGRAMMING_ENABLED
Stage 1 coefficients write enable.
•
1'b1: The stage 1 coefficients are set for writing. This
bit must be enabled prior to programming the stage 1
FIR coefficients.
•
1'b0: The stage 1 coefficients are not set for writing
[3:2]
RESERVED
NA
[1]
STAGE2_PROG_COEFF_ENABLED
Stage 2 FIR filter custom coefficient control.
•
1'b1: The stage 2 FIR filter will use the downloaded
(custom) coefficients.
•
1'b0: The stage 2 FIR filter will use the built-in
coefficients.
[0]
STAGE2_PROGRAMMING_ENABLED
Stage 2 coefficients write enable.
•
1'b1: The stage 2 coefficients are set for writing. This
bit must be enabled prior to programming the
RESERVED.
•
1'b0: The stage 2 coefficients are not set for writing.
Register 41-38: STAGE 1 FIR COEFFICIENTS
Bits
[31:0]
Default
-
Bits
Mnemonic
Description
[31:0]
STAGE1_FIR_COEFFICIENTS
These 32 bits are used for writing the stage 1 FIR coefficients.
See the programming section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com