Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9018 Datasheet(PDF) 32 Page - ESS Technology,Inc

Part # ES9018
Description  Reference 32-bit Audio DAC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018 Datasheet(HTML) 32 Page - ESS Technology,Inc

Back Button ES9018 Datasheet HTML 28Page - ESS Technology,Inc ES9018 Datasheet HTML 29Page - ESS Technology,Inc ES9018 Datasheet HTML 30Page - ESS Technology,Inc ES9018 Datasheet HTML 31Page - ESS Technology,Inc ES9018 Datasheet HTML 32Page - ESS Technology,Inc ES9018 Datasheet HTML 33Page - ESS Technology,Inc ES9018 Datasheet HTML 34Page - ESS Technology,Inc ES9018 Datasheet HTML 35Page - ESS Technology,Inc ES9018 Datasheet HTML 36Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
2.3
ES9018S Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
32
Read Only Registers
Register 27: STATUS
Bits
[7:4]
[3]
[2]
[1]
[0]
Default
-
-
-
-
-
Bits
Mnemonic
Description
[7:4]
RESERVED
NA
[3]
DSD_PCM
DSD or PCM status bit.
•
1'b1: DSD mode
•
1'b0: I2S or SPDIF mode
[2]
SPDIF_VALID
Valid SPDIF data status bit.
•
1'b1: The SPDIF data is valid
•
1'b0: The SPDIF data is invalid
[1]
SPDIF_EN
SPDIF enabled status bit.
•
1'b0: SPDIF mode is currently disabled.
•
1'b1: SPDIF mode is currently enabled.
Note: This can be done manually by setting SPDIF_EN_R
(Register 8) or by having SPDIF_AUTODETECT enabled with
valid SPDIF data on the input.
[0]
LOCK
Jitter Eliminator lock status bit.
•
1'b1:The Jitter Eliminator is locked to an incoming
signal
•
1'b0: The Jitter Eliminator is not locked to an incoming
signal
Register 31-28: DPLL NUM
Bits
[31:0]
Default
-
Bits
Mnemonic
Description
[31:0]
DPLL_NUM
This is a read-only 32 bit value that can be used to calculate
the sample rate. The sample rate can be calculated using:
Note: Fin must be divided by 64 for I2S data.
������������������ =
������������������������_������������������ ∗ ������������������������������������������������
232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com