Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9018 Datasheet(PDF) 30 Page - ESS Technology,Inc

Part # ES9018
Description  Reference 32-bit Audio DAC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018 Datasheet(HTML) 30 Page - ESS Technology,Inc

Back Button ES9018 Datasheet HTML 26Page - ESS Technology,Inc ES9018 Datasheet HTML 27Page - ESS Technology,Inc ES9018 Datasheet HTML 28Page - ESS Technology,Inc ES9018 Datasheet HTML 29Page - ESS Technology,Inc ES9018 Datasheet HTML 30Page - ESS Technology,Inc ES9018 Datasheet HTML 31Page - ESS Technology,Inc ES9018 Datasheet HTML 32Page - ESS Technology,Inc ES9018 Datasheet HTML 33Page - ESS Technology,Inc ES9018 Datasheet HTML 34Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
2.3
ES9018S Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
30
Register 23-20: MASTER TRIM
Bits
[31:0]
Default
32'h7FFFFFFF
Bits
Mnemonic
Description
[31:0]
MASTER_TRIM
This is a 32 bit value that sets the 0dB level for all volume
controls. This is a signed number, so it should never exceed
32'h7FFFFFFF (which is 2^31-1).
•
32’h00000000: Minimum
•
32’h7FFFFFFF: Maximum
Note: Register 23 contains the MSBs, Register 20 contains
the LSBs
Register 24: PHASE SHIFT
Bits
[7:4]
[3:0]
Default
4'd3
4'd0
Bits
Mnemonic
Description
[7:4]
RESERVED
NA
[3:0]
PHASE_SHIFT
Phase shift control.
•
4'd0: default
•
4'd1: default + 1/clk delay
•
4'd2: default + 2/clk delay
•
4'd3: default + 3/clk delay
•
4'd4: default + 4/clk delay
•
4'd5: default + 5/clk delay
•
4'd6: default + 6/clk delay
•
4'd7: default + 7/clk delay
•
4'd8: default + 8/clk delay
•
4'd9: default + 9/clk delay
•
4'd10: default + 10/clk delay
•
4'd11: default + 11/clk delay
•
4'd12: default + 12/clk delay
•
4'd13: default + 13/clk delay
•
4'd14: default + 14/clk delay
•
4'd15: default + 15/clk delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com