Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9027PRO Datasheet(PDF) 38 Page - ESS Technology,Inc

Part # ES9027PRO
Description  32-bit High-Performance 8-Channel DAC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9027PRO Datasheet(HTML) 38 Page - ESS Technology,Inc

Back Button ES9027PRO Datasheet HTML 34Page - ESS Technology,Inc ES9027PRO Datasheet HTML 35Page - ESS Technology,Inc ES9027PRO Datasheet HTML 36Page - ESS Technology,Inc ES9027PRO Datasheet HTML 37Page - ESS Technology,Inc ES9027PRO Datasheet HTML 38Page - ESS Technology,Inc ES9027PRO Datasheet HTML 39Page - ESS Technology,Inc ES9027PRO Datasheet HTML 40Page - ESS Technology,Inc ES9027PRO Datasheet HTML 41Page - ESS Technology,Inc ES9027PRO Datasheet HTML 42Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 89 page
background image
ES9027PRO Datasheet
VERSION 0.4.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
38
DSD_DC
DSD_MUTE
WS_MONITOR
BCK_MONITOR
PCM_DC
0x3F
63
RESERVED
RESERVED
0x40
64
TDM CH1 CONFIG
RESERVED
TDM_CH1_LINE_SEL
TDM_CH1_SLOT_SEL
0x41
65
TDM CH2 CONFIG
RESERVED
TDM_CH2_LINE_SEL
TDM_CH2_SLOT_SEL
0x42
66
TDM CH3 CONFIG
RESERVED
TDM_CH3_LINE_SEL
TDM_CH3_SLOT_SEL
0x43
67
TDM CH4 CONFIG
RESERVED
TDM_CH4_LINE_SEL
TDM_CH4_SLOT_SEL
0x44
68
TDM CH5 CONFIG
RESERVED
TDM_CH5_LINE_SEL
TDM_CH5_SLOT_SEL
0x45
69
TDM CH6 CONFIG
RESERVED
TDM_CH6_LINE_SEL
TDM_CH6_SLOT_SEL
0x46
70
TDM CH7 CONFIG
RESERVED
TDM_CH7_LINE_SEL
TDM_CH7_SLOT_SEL
0x47
71
TDM CH8 CONFIG
RESERVED
TDM_CH8_LINE_SEL
TDM_CH8_SLOT_SEL
0x48 -
0x49
72 -
73
RESERVED
RESERVED
0x4A
74
VOLUME1
VOLUME1
0x4B
75
VOLUME2
VOLUME2
0x4C
76
VOLUME3
VOLUME3
0x4D
77
VOLUME4
VOLUME4
0x4E
78
VOLUME5
VOLUME5
0x4F
79
VOLUME6
VOLUME6
0x50
80
VOLUME7
VOLUME7
0x51
81
VOLUME8
VOLUME8
0x52
82
DAC VOL UP RATE
DAC_VOL_RATE_UP
0x53
83
DAC VOL DOWN RATE
DAC_VOL_RATE_DOWN
0x54
84
DAC VOL DOWN RATE FAST
DAC_VOL_RATE_FAST
0x55
85
RESERVED
RESERVED
0x56
86
DAC MUTE
DAC_MUTE_
CH8
DAC_MUTE_
CH7
DAC_MUTE_
CH6
DAC_MUTE_
CH5
DAC_MUTE_
CH4
DAC_MUTE_
CH3
DAC_MUTE_
CH2
DAC_MUTE_
CH1
0x57
87
DAC INVERT
DAC_INVERT_
CH8
DAC_INVERT_
CH7
DAC_INVERT_
CH6
DAC_INVERT_
CH5
DAC_INVERT_
CH4
DAC_INVERT_
CH3
DAC_INVERT_
CH2
DAC_INVERT_
CH1
0x58
88
FILTER SHAPE
RESERVED
FILTER_SHAPE
0x59
89
IIR BANDWIDTH & S/PDIF SELECT
SPDIF_SEL
VOLUME_HOLD
IIR_BW
0x5A
90
DAC PATH CONFIG
RESERVED
BYPASS_FIR4X
BYPASS_FIR2X
0x5B -
0x7A
91 -
122
RESERVED
RESERVED
0x7B
123
AUTOMUTE ENABLE
AUTOMUTE_
EN_CH8
AUTOMUTE_
EN_CH7
AUTOMUTE_
EN_CH6
AUTOMUTE_
EN_CH5
AUTOMUTE_
EN_CH4
AUTOMUTE_
EN_CH3
AUTOMUTE_
EN_CH2
AUTOMUTE_
EN_CH1
0x7C
124
AUTOMUTE TIME
AUTOMUTE_TIME
0x7D
125
RESERVED
AUTOMUTE_
RAMP_TO_
GROUND
AUTOMUTE_TIME
0x7E
126
AUTOMUTE LEVEL
AUTOMUTE_LEVEL
0x7F
127
AUTOMUTE_LEVEL
0x80
128
AUTOMUTE OFF LEVEL
AUTOMUTE_OFF_LEVEL
0x81
129
AUTOMUTE_OFF_LEVEL
0x82
130
SOFT RAMP CONFIG
RESERVED
SOFT_RAMP_TIME
0x83 -
0x91
131 -
145
RESERVED
RESERVED
0xE0
224
SYS READ
RESERVED
MODES
ADDR1
ADDR0
0xE1
225
CHIP ID READ
CHIP_ID
0xE2 -
0xE4
226 -
228
RESERVED
RESERVED
0xE5
229
INTERRUPT STATE
VOL_MIN_STATE
0xE6
230
AUTOMUTE_STATE
0xE7
231
SS_FULL_RAMP_STATE
0xE8
232
INPUT_SELECT_OVERRIDE_STATE
TDM_DATA_
VALID_STATE
RESERVED
BCK_WS_FAIL_
STATE
DOP_VALID_
STATE
0xE9
233
RESERVED
RESERVED
0xEA
234
INTERRUPT SOURCE
VOL_MIN_SOURCE
0xEB
235
AUTOMUTE_SOURCE
0xEC
236
SS_FULL_RAMP_SOURCE
0xED
237
INPUT_SELECT_
OVERRIDE_SOURCE
TDM_
DATA_VALID_
SOURCE
RESERVED
BCK_WS_FAIL_
SOURCE
DOP_VALID_
SOURCE
0xEE
238
RESERVED
RESERVED
0xEF
239
RATIO VALID READ
RATIO_VALID
RESERVED
0xF0
240
GPIO READ
GPIO8_I_READ
GPIO7_I_READ
GPIO6_I_READ
GPIO5_I_READ
GPIO4_I_READ
GPIO3_I_READ
GPIO2_I_READ
GPIO1_I_READ
0xF1
241
VOL MIN READ
VOL_MIN_CH8
VOL_MIN_CH7
VOL_MIN_CH6
VOL_MIN_CH5
VOL_MIN_CH4
VOL_MIN_CH3
VOL_MIN_CH2
VOL_MIN_CH1
0xF2
242
AUTOMUTE READ
AUTOMUTE_
CH8
AUTOMUTE_
CH7
AUTOMUTE_
CH6
AUTOMUTE_
CH5
AUTOMUTE_
CH4
AUTOMUTE_
CH3
AUTOMUTE_
CH2
AUTOMUTE_
CH1
0xF3
243
SOFT RAMP UP READ
SS_RAMP_
UP_CH8
SS_RAMP_
UP_CH7
SS_RAMP_
UP_CH6
SS_RAMP_
UP_CH5
SS_RAMP_
UP_CH4
SS_RAMP_
UP_CH3
SS_RAMP_
UP_CH2
SS_RAMP_
UP_CH1
0xF4
244
SOFT RAMP DOWN READ
SS_RAMP_
DOWN_CH8
SS_RAMP_
DOWN_CH7
SS_RAMP_
DOWN_CH6
SS_RAMP_
DOWN_CH5
SS_RAMP_
DOWN_CH4
SS_RAMP_
DOWN_CH3
SS_RAMP_
DOWN_CH2
SS_RAMP_
DOWN_CH1
0xF5
245
SPDIF, TDM, DOP, AND INPUT
READBACK
SPDIF_VALID
TDM_DATA_
VALID
DOP_VALID
INPUT_SELECT_OVERRIDE
0xF6 -
0xFB
246 -
251
RESERVED
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com