Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9027PRO Datasheet(PDF) 75 Page - ESS Technology,Inc

Part # ES9027PRO
Description  32-bit High-Performance 8-Channel DAC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9027PRO Datasheet(HTML) 75 Page - ESS Technology,Inc

Back Button ES9027PRO Datasheet HTML 71Page - ESS Technology,Inc ES9027PRO Datasheet HTML 72Page - ESS Technology,Inc ES9027PRO Datasheet HTML 73Page - ESS Technology,Inc ES9027PRO Datasheet HTML 74Page - ESS Technology,Inc ES9027PRO Datasheet HTML 75Page - ESS Technology,Inc ES9027PRO Datasheet HTML 76Page - ESS Technology,Inc ES9027PRO Datasheet HTML 77Page - ESS Technology,Inc ES9027PRO Datasheet HTML 78Page - ESS Technology,Inc ES9027PRO Datasheet HTML 79Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 89 page
background image
ES9027PRO Datasheet
VERSION 0.4.1
75
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
Register 145-131: RESERVED
Readback Registers
Register 224: SYS READ
Bits
[7:4]
[3:2]
[1]
[0]
Default
-
-
-
-
Bits
Mnemonic
Description
[7:4]
RESERVED
NA
[3:2]
MODES
Chip mode readback. Based off MODE Pin (Pin 3)
•
2'b00: I2C
•
2'b11: SPI
Note: All other values are invalid.
[1]
ADDR1
I2C address select bit1.
[0]
ADDR0
I2C address select bit0.
Register 225: CHIP ID READ
Bits
[7:0]
Default
0x58 (ES9027PRO)
Bits
Mnemonic
Description
[7:0]
CHIP_ID
Chip ID.
Register 228-227: RESERVED
Register 232-229: INTERRUPT STATE
Bits
[31:30]
[29]
[28:26]
[25]
[24]
[23:16]
[15:8]
[7:0]
Default
-
-
-
-
-
-
-
-
Bits
Mnemonic
Description
[31:30]
INPUT_SELECT_OVERRIDE_STATE
State of the INPUT_SELECT_OVERRIDE interrupt.
Note: Interrupt clear bits are required to reset value.
[29]
TDM_DATA_VALID_STATE
State of the TDM_DATA_VALID interrupt.
Note: Interrupt clear bit is required to reset value.
[28:26]
RESERVED
NA
[25]
BCK_WS_FAIL_STATE
State of the BCK_WS_FAIL interrupt.
Note: Interrupt clear bit is required to reset value.
[24]
DOP_VALID_STATE
State of the DOP_VALID interrupt.
Note: Interrupt clear bit is required to reset value.
[23:16]
SS_FULL_RAMP_STATE
State of each channel's SS_FULL_RAMP interrupt.
Note: Interrupt clear bit is required to reset value.
[15:8]
AUTOMUTE_STATE
State of each channel's AUTOMUTE_STATE interrupt.
Note: Interrupt clear bit is required to reset value.
[7:0]
VOL_MIN_STATE
State of each channel's VOL_MIN_STATE interrupt.
Note: Interrupt clear bit is required to reset value.
Register 233: RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com