Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9027PRO Datasheet(PDF) 72 Page - ESS Technology,Inc

Part # ES9027PRO
Description  32-bit High-Performance 8-Channel DAC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9027PRO Datasheet(HTML) 72 Page - ESS Technology,Inc

Back Button ES9027PRO Datasheet HTML 68Page - ESS Technology,Inc ES9027PRO Datasheet HTML 69Page - ESS Technology,Inc ES9027PRO Datasheet HTML 70Page - ESS Technology,Inc ES9027PRO Datasheet HTML 71Page - ESS Technology,Inc ES9027PRO Datasheet HTML 72Page - ESS Technology,Inc ES9027PRO Datasheet HTML 73Page - ESS Technology,Inc ES9027PRO Datasheet HTML 74Page - ESS Technology,Inc ES9027PRO Datasheet HTML 75Page - ESS Technology,Inc ES9027PRO Datasheet HTML 76Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 89 page
background image
ES9027PRO Datasheet
VERSION 0.4.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
72
Register 88: FILTER SHAPE
Bits
[7:3]
[2:0]
Default
5'd12
3'd0
Bits
Mnemonic
Description
[7:3]
RESERVED
NA
[2:0]
FILTER_SHAPE
Selects the 8x interpolation FIR filter shape.
•
3'd0: Minimum phase (default)
•
3'd1: Linear phase apodizing
•
3'd2: Linear phase fast roll-off
•
3'd4: Linear phase slow roll-off
•
3'd5: Minimum phase fast roll-off
•
3'd6: Minimum phase slow roll-off
•
3'd7: Minimum phase slow roll-off low dispersion
Register 89: IIR BANDWIDTH & S/PDIF SELECT
Bits
[7:4]
[3]
[2:0]
Default
4'd0
1'b0
3'd4
Bits
Mnemonic
Description
[7:4]
SPDIF_SEL
Selects the SPDIF data input pin
•
4'd0: Disabled (default)
•
4'd1: GPIO1
•
4'd2: GPIO2
•
4'd3: GPIO3
•
4'd4: DATA1
•
4'd5: DATA2
•
4'd6: DATA3
•
4'd7: DATA4/GPIO4
•
4'd8: DATA5/GPIO5
•
4'd9: DATA6/GPIO6
•
4'd10: DATA7/GPIO7
•
4'd11: DATA8/GPIO8
•
Others: Reserved
•
Note: GPIO pins also require the GPIO input to be enabled
[3]
VOLUME_HOLD
Hold volume coefficients to allow for all channels to update at same time.
[2:0]
IIR_BW
Controls the IIR bandwidth in the digital datapath.
•
3'd0: Invalid
•
3'd1: BW * 8
•
3'd2: BW * 4
•
3'd3: BW * 2
•
3'd4: Default BW
•
3'd5: BW / 2
•
3'd6: BW / 4
•
3'd7: BW / 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com