Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9027PRO Datasheet(PDF) 76 Page - ESS Technology,Inc

Part # ES9027PRO
Description  32-bit High-Performance 8-Channel DAC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9027PRO Datasheet(HTML) 76 Page - ESS Technology,Inc

Back Button ES9027PRO Datasheet HTML 72Page - ESS Technology,Inc ES9027PRO Datasheet HTML 73Page - ESS Technology,Inc ES9027PRO Datasheet HTML 74Page - ESS Technology,Inc ES9027PRO Datasheet HTML 75Page - ESS Technology,Inc ES9027PRO Datasheet HTML 76Page - ESS Technology,Inc ES9027PRO Datasheet HTML 77Page - ESS Technology,Inc ES9027PRO Datasheet HTML 78Page - ESS Technology,Inc ES9027PRO Datasheet HTML 79Page - ESS Technology,Inc ES9027PRO Datasheet HTML 80Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 89 page
background image
ES9027PRO Datasheet
VERSION 0.4.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
76
Register 237-234: INTERRUPT SOURCE
Bits
[31:30]
[29]
[28:26]
[25]
[24]
[23:16]
[15:8]
[7:0]
Default
-
-
-
-
-
-
-
-
Bits
Mnemonic
Description
[31:30]
INPUT_SELECT_OVERRIDE_SOURCE
Output of the AUTO_INPUT_SELECT logic.
[29]
TDM_DATA_VALID_SOURCE
TDM data valid flag.
[28:26]
RESERVED
NA
[25]
BCK_WS_FAIL_SOURCE
Validity of BCK, WS, and ASYNC_LOCK flag.
Requires respective monitor bits to be set.
[24]
DOP_VALID_SOURCE
Valid DoP flag for Channels 1 and 2.
[23:16]
SS_FULL_RAMP_SOURCE
Channel flag for whether it is fully ramped up or down.
[15:8]
AUTOMUTE_SOURCE
Channel flag for whether it is automute is active.
[7:0]
VOL_MIN_SOURCE
Channel flag for whether the corresponding volume register = 0x00
Register 238: RESERVED
Register 239: RATIO VALID READ
Bits
[7]
[6:0]
Default
-
-
Bits
Mnemonic
Description
[7]
RATIO_VALID
Indicates validity of the CLK_DAC/CLK_IDAC ratio
•
1'b0: Invalid
•
1'b1: Valid
[6:0]
RESERVED
NA
Register 240: GPIO READ
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Default
-
-
-
-
-
-
-
-
Bits
Mnemonic
Description
[7]
GPIO8_I_READ
GPIO8 Readback
[6]
GPIO7_I_READ
GPIO7 Readback
[5]
GPIO6_I_READ
GPIO6 Readback
[4]
GPIO5_I_READ
GPIO5 Readback
[3]
GPIO4_I_READ
GPIO4 Readback
[2]
GPIO3_I_READ
GPIO3 Readback
[1]
GPIO2_I_READ
GPIO2 Readback
[0]
GPIO1_I_READ
GPIO1 Readback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com