Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9027PRO Datasheet(PDF) 58 Page - ESS Technology,Inc

Part # ES9027PRO
Description  32-bit High-Performance 8-Channel DAC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9027PRO Datasheet(HTML) 58 Page - ESS Technology,Inc

Back Button ES9027PRO Datasheet HTML 54Page - ESS Technology,Inc ES9027PRO Datasheet HTML 55Page - ESS Technology,Inc ES9027PRO Datasheet HTML 56Page - ESS Technology,Inc ES9027PRO Datasheet HTML 57Page - ESS Technology,Inc ES9027PRO Datasheet HTML 58Page - ESS Technology,Inc ES9027PRO Datasheet HTML 59Page - ESS Technology,Inc ES9027PRO Datasheet HTML 60Page - ESS Technology,Inc ES9027PRO Datasheet HTML 61Page - ESS Technology,Inc ES9027PRO Datasheet HTML 62Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 89 page
background image
ES9027PRO Datasheet
VERSION 0.4.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
58
Register 44: INVERT GPIO
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Default
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[7]
INVERT_GPIO8
•
1'b1: Inverts GPIO8 output.
[6]
INVERT_GPIO7
•
1'b1: Inverts GPIO7 output.
[5]
INVERT_GPIO6
•
1'b1: Inverts GPIO6 output.
[4]
INVERT_GPIO5
•
1'b1: Inverts GPIO5 output.
[3]
INVERT_GPIO4
•
1'b1: Inverts GPIO4 output.
[2]
INVERT_GPIO3
•
1'b1: Inverts GPIO3 output.
[1]
INVERT_GPIO2
•
1'b1: Inverts GPIO2 output.
[0]
INVERT_GPIO1
•
1'b1: Inverts GPIO1 output.
Register 45: GPIO READ
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Default
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[7]
GPIO8_READ
•
1'b0: GPIO8 Readback disabled (default)
•
1'b1: Allow readback of GPIO8_I
[6]
GPIO7_READ
•
1'b0: GPIO7 Readback disabled (default)
•
1'b1: Allow readback of GPIO7_I
[5]
GPIO6_READ
•
1'b0: GPIO6 Readback disabled (default)
•
1'b1: Allow readback of GPIO6_I
[4]
GPIO5_READ
•
1'b0: GPIO5 Readback disabled (default)
•
1'b1: Allow readback of GPIO5_I
[3]
GPIO4_READ
•
1'b0: GPIO4 Readback disabled (default)
•
1'b1: Allow readback of GPIO4_I
[2]
GPIO3_READ
•
1'b0: GPIO3 Readback disabled (default)
•
1'b1: Allow readback of GPIO3_I
[1]
GPIO2_READ
•
1'b0: GPIO2 Readback disabled (default)
•
1'b1: Allow readback of GPIO2_I
[0]
GPIO1_READ
•
1'b0: GPIO1 Readback disabled (default)
•
1'b1: Allow readback of GPIO1_I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com