Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9027PRO Datasheet(PDF) 86 Page - ESS Technology,Inc

Part # ES9027PRO
Description  32-bit High-Performance 8-Channel DAC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9027PRO Datasheet(HTML) 86 Page - ESS Technology,Inc

Back Button ES9027PRO Datasheet HTML 81Page - ESS Technology,Inc ES9027PRO Datasheet HTML 82Page - ESS Technology,Inc ES9027PRO Datasheet HTML 83Page - ESS Technology,Inc ES9027PRO Datasheet HTML 84Page - ESS Technology,Inc ES9027PRO Datasheet HTML 85Page - ESS Technology,Inc ES9027PRO Datasheet HTML 86Page - ESS Technology,Inc ES9027PRO Datasheet HTML 87Page - ESS Technology,Inc ES9027PRO Datasheet HTML 88Page - ESS Technology,Inc ES9027PRO Datasheet HTML 89Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 86 / 89 page
background image
ES9027PRO Datasheet
VERSION 0.4.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
86
Reflow Process Considerations
Temperature Controlled
For lead-free soldering, the characterization and optimization of the reflow process is the most important factor to consider.
The lead-free alloy solder has a melting point of 217°C. This alloy requires a minimum reflow temperature of 235°C to ensure good wetting. The
maximum reflow temperature is in the 245°C to 260°C range, depending on the package size (RPC-2 Pb-Free Process – Classification
Temperatures (Tc)). This narrows the process window for lead-free soldering to 10°C to 20°C.
The increase in peak reflow temperature in combination with the narrow process window makes the development of an optimal reflow profile a
critical factor for ensuring a successful lead-free assembly process. The major factors contributing to the development of an optimal thermal profile
are the size and weight of the assembly, the density of the components, the mix of large and small components, and the paste chemistry being used.
Reflow profiling needs to be performed by attaching calibrated thermocouples well adhered to the device as well as other critical locations on the
board to ensure that all components are heated to temperatures above the minimum reflow temperatures and that smaller components do not
exceed the maximum temperature limits (Table RPC-2).
To ensure that all packages can be successfully and reliably assembled, the reflow profiles studied and recommended by ESS are based on the
JEDEC/IPC standard J-STD-020 revision D.1.
Figure 22 – IR/Convection Reflow Profile (IPC/JEDEC J-STD-020D.1)
Reflow is allowed 3 times. Caution must be taken to ensure time between re-flow runs does not exceed the allowed time by the moisture sensitivity
label. If the time elapsed between the re-flows exceeds the moisture sensitivity time bake the board according to the moisture sensitivity label
instructions.
Manual
Allowed up to 2 times with maximum temperature of 350°C no longer than 3 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com