Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9027PRO Datasheet(PDF) 68 Page - ESS Technology,Inc

Part # ES9027PRO
Description  32-bit High-Performance 8-Channel DAC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9027PRO Datasheet(HTML) 68 Page - ESS Technology,Inc

Back Button ES9027PRO Datasheet HTML 64Page - ESS Technology,Inc ES9027PRO Datasheet HTML 65Page - ESS Technology,Inc ES9027PRO Datasheet HTML 66Page - ESS Technology,Inc ES9027PRO Datasheet HTML 67Page - ESS Technology,Inc ES9027PRO Datasheet HTML 68Page - ESS Technology,Inc ES9027PRO Datasheet HTML 69Page - ESS Technology,Inc ES9027PRO Datasheet HTML 70Page - ESS Technology,Inc ES9027PRO Datasheet HTML 71Page - ESS Technology,Inc ES9027PRO Datasheet HTML 72Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 89 page
background image
ES9027PRO Datasheet
VERSION 0.4.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
68
Register 71: TDM CH8 CONFIG
Bits
[7]
[6:5]
[4:0]
Default
1'b0
2'd0
5'd0
Bits
Mnemonic
Description
[7]
RESERVED
NA
[6:5]
TDM_CH8_LINE_SEL
CH8 data line selection. CH8 receives data from Nth line.
N = TDM_CH8_LINE_SEL + 1.
Note: Valid for TDM, PCM and DoP.
[4:0]
TDM_CH8_SLOT_SEL
CH8 data slot selection. CH8 receives data from Mth slot.
M = TDM_CH8_SLOT_SEL + 1.
Note: Valid for TDM, PCM and DoP.
Register 73-72: RESERVED
Register 74: VOLUME1
Bits
[7:0]
Default
8'd0
Bits
Mnemonic
Description
[7:0]
VOLUME1
DAC ch1 volume. -0dB to -127.5dB, 0.5dB steps.
•
8'd0: 0dB
•
8'd255: -127.5dB
Register 75: VOLUME2
Bits
[7:0]
Default
8'd0
Bits
Mnemonic
Description
[7:0]
VOLUME2
DAC ch2 volume. -0dB to -127.5dB, 0.5dB steps.
•
8'd0: 0dB
•
8'd255: -127.5dB
Register 76: VOLUME3
Bits
[7:0]
Default
8'd0
Bits
Mnemonic
Description
[7:0]
VOLUME3
DAC ch3 volume. -0dB to -127.5dB, 0.5dB steps.
•
8'd0: 0dB
•
8'd255: -127.5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com