Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9033Q Datasheet(PDF) 16 Page - ESS Technology,Inc

Part # ES9033Q
Description  32-bit High-Performance 2-Channel DAC with Line Drivers
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9033Q Datasheet(HTML) 16 Page - ESS Technology,Inc

Back Button ES9033Q Datasheet HTML 12Page - ESS Technology,Inc ES9033Q Datasheet HTML 13Page - ESS Technology,Inc ES9033Q Datasheet HTML 14Page - ESS Technology,Inc ES9033Q Datasheet HTML 15Page - ESS Technology,Inc ES9033Q Datasheet HTML 16Page - ESS Technology,Inc ES9033Q Datasheet HTML 17Page - ESS Technology,Inc ES9033Q Datasheet HTML 18Page - ESS Technology,Inc ES9033Q Datasheet HTML 19Page - ESS Technology,Inc ES9033Q Datasheet HTML 20Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 103 page
background image
a
0.3.1
ES9033 Datasheet Information
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
16
Soft Mute
When Mute is asserted the digital signal level will be smoothly ramped to minimum. When Mute is de-asserted the digital signal level will ramp back
up to the level set by the volume control register. Asserting Mute will not change the value stored in the volume control register. The volume ramp
rate is controlled through registers 48-50.
Mute can be engaged through either the automute feature or by setting the mute bits for any individual channel through register 51: MUTE CTRL &
CH INVERT.
Automute
Automute is disabled by default and is triggered when any one of the following conditions are met:
Mode
Detection Condition
Time
PCM
Data is lower than automute_level for
longer than the automute_time
2^18
(������������������������������������������������_������������������������ ∗ ������������)
DSD
Equal number of 1s and 0s in any 8
consecutive bits of data
2^18
(������������������������������������������������_������������������������ ∗ ������������������������)
DoP
DSD data contains an equal number of 1s
and 0s in any 8 consecutive bits of data
2^18
(������������������������������������������������_������������������������ ∗ ������������������������)
Table 5 - Automute conditions
The automute feature is enabled for both channels individually through the AUTOMUTE_EN_CH2 and AUTOMUTE_EN_CH1 bits (register 64-
63[12:11]). The thresholds that trigger and disable automute can be configured through registers 65-68.
Volume Control
This volume control is intended for use during audio playback. Each channel can be digitally attenuated from 0dB to –127.5dB. When a new volume
level is set, the attenuation circuit will ramp softly to the new level.
Volume of both channels individually is configured through registers 46-47.
By default, channel volumes are updated as soon as the volume registers are written. However the volume control can be configured to only change
once the RUN_VOLUME bit (register 51[5]) is toggled. This feature can be enabled or disabled through the FORCE_VOLUME bit (register 51[7]).
Both output channels have an independent volume control. The attenuation for the channels can be independent or synchronized in pairs by setting
the DAC_USE_MONO_VOLUME bit (register 51[6]).
THD Compensation
THD Compensation can be used to minimize distortion from external PCB components and layout through the generation of inverse second and
third harmonic components matching the target system distortion profile.
The coefficients are stored in Registers 56 – 61.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com