Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9033Q Datasheet(PDF) 48 Page - ESS Technology,Inc

Part # ES9033Q
Description  32-bit High-Performance 2-Channel DAC with Line Drivers
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9033Q Datasheet(HTML) 48 Page - ESS Technology,Inc

Back Button ES9033Q Datasheet HTML 44Page - ESS Technology,Inc ES9033Q Datasheet HTML 45Page - ESS Technology,Inc ES9033Q Datasheet HTML 46Page - ESS Technology,Inc ES9033Q Datasheet HTML 47Page - ESS Technology,Inc ES9033Q Datasheet HTML 48Page - ESS Technology,Inc ES9033Q Datasheet HTML 49Page - ESS Technology,Inc ES9033Q Datasheet HTML 50Page - ESS Technology,Inc ES9033Q Datasheet HTML 51Page - ESS Technology,Inc ES9033Q Datasheet HTML 52Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 103 page
background image
a
0.3.1
ES9033 Datasheet Information
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
48
Register 3: MASTER CLOCK CONFIG
Bits
[7]
[6:0]
Default
1’b0
7’d7
Bits
Mnemonic
Description
[7]
SELECT_MENC_HALF
Master Encoder (MENC)
•
1’b0: Divide by SELECT_MENC_NUM + 1 (default)
•
1’b1: Divide by half of SELECT_MENC_NUM + 1
Note: Can only produce half of an odd number divide
[6:0]
SELECT_MENC_NUM
Master mode clock divider. Whole number divide value + 1 for
CLK_Master (SYS_CLK/divide_value).
•
7’d0: Whole number divide value + 1 = 1
•
7’d1: Whole number divide value + 1 = 2
•
7’d127: Whole number divide value + 1 = 128
Register 4: CP CLOCK DIV
Bits
[7:0]
Default
8’d31
Bits
Mnemonic
Description
[7:0]
CP_CLK_DIV
Specifies the clk divider for the CP clock source. Valid from
8’d0 to 8’d255.
8’dX: CP clock is SYS_CLK/((X+1)*2)
•
8’d0: Minimum
•
8’d31: Defaults
•
8’d255: Maximum
Register 8-5: RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com