Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9033Q Datasheet(PDF) 41 Page - ESS Technology,Inc

Part # ES9033Q
Description  32-bit High-Performance 2-Channel DAC with Line Drivers
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9033Q Datasheet(HTML) 41 Page - ESS Technology,Inc

Back Button ES9033Q Datasheet HTML 37Page - ESS Technology,Inc ES9033Q Datasheet HTML 38Page - ESS Technology,Inc ES9033Q Datasheet HTML 39Page - ESS Technology,Inc ES9033Q Datasheet HTML 40Page - ESS Technology,Inc ES9033Q Datasheet HTML 41Page - ESS Technology,Inc ES9033Q Datasheet HTML 42Page - ESS Technology,Inc ES9033Q Datasheet HTML 43Page - ESS Technology,Inc ES9033Q Datasheet HTML 44Page - ESS Technology,Inc ES9033Q Datasheet HTML 45Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 103 page
background image
0.3.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800
ES9033 Datasheet Information
41
D7
D6
D5
D4
D3
D2
D1
D0
A0
A2
A1
A3
A4
A5
A6
SDA
SCL
Single Byte R/W
0
8
16
S
ACK
R/W
AC K/
NA CK
SP
Figure 13 - I2C single byte R/W
SPI Slave Interface
The SPI slave interface is used when the MODE pin (pin 3) is pulled high.
•
The SPI Slave interface can be accessed using the Pins 25-28
•
Pin 22 MOSI
•
Pin 21 SCLK
•
Pin 19 SS
•
Pin 20 MISO
The 4-wire SPI data format is: Command (1 byte) + Address (1 byte) + Data
SPI commands
•
0x01: Read
•
0x03: Write
•
0x07: Write-only Register Addresses 192-194 (0xC0 – 0xC2)
SS
SCLK
MISO
MOSI
Single byte Write
Hig h Z
0
8
16
C7
C6
C5
C4
C3
C2
C1
C0
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Figure 14 - SPI single byte write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com