Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9033Q Datasheet(PDF) 35 Page - ESS Technology,Inc

Part # ES9033Q
Description  32-bit High-Performance 2-Channel DAC with Line Drivers
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9033Q Datasheet(HTML) 35 Page - ESS Technology,Inc

Back Button ES9033Q Datasheet HTML 31Page - ESS Technology,Inc ES9033Q Datasheet HTML 32Page - ESS Technology,Inc ES9033Q Datasheet HTML 33Page - ESS Technology,Inc ES9033Q Datasheet HTML 34Page - ESS Technology,Inc ES9033Q Datasheet HTML 35Page - ESS Technology,Inc ES9033Q Datasheet HTML 36Page - ESS Technology,Inc ES9033Q Datasheet HTML 37Page - ESS Technology,Inc ES9033Q Datasheet HTML 38Page - ESS Technology,Inc ES9033Q Datasheet HTML 39Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 103 page
background image
0.3.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800
ES9033 Datasheet Information
35
Test Conditions 2 (unless otherwise noted)
TA = 25oC, AVCC_3V3 = AVCC_CP = VCCA = AVDD = +3.3V, fs = 48kHz, MCLK = 49.152MHz, I2S streaming zeros
Parameter
Min
Typ
Max
Unit
H
ardware Mode: 3
AVCC_3V3
<1
uA
AVCC_CP
0.5
mA
VCCA
0.3
mA
AVDD
9.8
mA
Standby (CHIP_EN = 0V)
AVCC
<1
uA
AVDD
<1
uA
Table 16 - Power consumption with test conditions 2
Test Conditions 3 (unless otherwise noted)
TA = 25oC, AVCC_3V3 = AVCC_CP = VCCA = AVDD = +3.3V, fs = 192kHz, MCLK = 24.576MHz, I2S 2Vrms 1kHz sine full scale
Parameter
Min
Typ
Max
Unit
H
ardware Mode: 8
AVCC_3V3
10.4
mA
AVCC_CP
7.0
mA
VCCA
0.2
mA
AVDD
10.4
mA
Standby (CHIP_EN = 0V)
AVCC
<1
uA
AVDD
<1
uA
Table 17 - Power consumption with test conditions 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com