Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9033Q Datasheet(PDF) 62 Page - ESS Technology,Inc

Part # ES9033Q
Description  32-bit High-Performance 2-Channel DAC with Line Drivers
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9033Q Datasheet(HTML) 62 Page - ESS Technology,Inc

Back Button ES9033Q Datasheet HTML 58Page - ESS Technology,Inc ES9033Q Datasheet HTML 59Page - ESS Technology,Inc ES9033Q Datasheet HTML 60Page - ESS Technology,Inc ES9033Q Datasheet HTML 61Page - ESS Technology,Inc ES9033Q Datasheet HTML 62Page - ESS Technology,Inc ES9033Q Datasheet HTML 63Page - ESS Technology,Inc ES9033Q Datasheet HTML 64Page - ESS Technology,Inc ES9033Q Datasheet HTML 65Page - ESS Technology,Inc ES9033Q Datasheet HTML 66Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 103 page
background image
a
0.3.1
ES9033 Datasheet Information
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
62
DAC Registers
Register 36: INPUT CONFIG
Bits
[7]
[6]
[5]
[4]
[3]
[2:1]
[0]
Default
1’b1
1’b0
1’b0
1’b0
1’b0
2’d0
1’b0
Bits
Mnemonic
Description
[7]
AUTO_FS_DETECT
Enables automatic tuning of CLK_DAC/CLK_IDAC ratio
according to detected FS.
•
1’b0: Auto tune Disabled
•
1’b1: Auto tune CLK_DAC/CLK_IDAC ratio according
to detected FS (default)
[6]
DSD_NEGEDGE
Changes DSD latching edge polarity.
•
1’b0: Latch DSD data at positive edge of DSD_CLK
(default)
•
1’b1: Latch DSD data at negative edge of DSD_CLK
[5]
DSD_MASTER_MODE
DSD master mode config.
•
1’b0: DSD slave mode (default)
•
1’b1: DSD master mode. DSD_CLK outputs from
DATA_CLK
[4]
ENABLE_TDM_MASTER_MODE
TDM master mode config.
•
1’b0: TDM slave mode (default)
•
1’b1: TDM master mode enabled. Master BCK and
WS output from DATA_CLK and DATA1
[3]
ENABLE_PDM
Enable PDM playback.
If not using AUTO_INPUT_SELECT for DSD streaming,
assert ENABLE_PDM (1b’1) and use INPUT_SEL 2’d1.
•
1’b0: TDM mode (default)
•
1’b1: PDM mode
[2:1]
INPUT_SEL
Selects input data when AUTO_INPUT_SELECT is set to
2’d0.
•
2’d0: TDM (default)
•
2’d1: DSD
•
2’d2: DoP
•
2’d3: Reserved
[0]
AUTO_INPUT_SELECT
Auto input data selection configuration
•
2’d0: Disables auto input select. Input data type is set
by INPUT_SEL (default)
•
2’d1: Auto select between DSD and TDM inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com