Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9033Q Datasheet(PDF) 67 Page - ESS Technology,Inc

Part # ES9033Q
Description  32-bit High-Performance 2-Channel DAC with Line Drivers
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9033Q Datasheet(HTML) 67 Page - ESS Technology,Inc

Back Button ES9033Q Datasheet HTML 63Page - ESS Technology,Inc ES9033Q Datasheet HTML 64Page - ESS Technology,Inc ES9033Q Datasheet HTML 65Page - ESS Technology,Inc ES9033Q Datasheet HTML 66Page - ESS Technology,Inc ES9033Q Datasheet HTML 67Page - ESS Technology,Inc ES9033Q Datasheet HTML 68Page - ESS Technology,Inc ES9033Q Datasheet HTML 69Page - ESS Technology,Inc ES9033Q Datasheet HTML 70Page - ESS Technology,Inc ES9033Q Datasheet HTML 71Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 103 page
background image
0.3.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800
ES9033 Datasheet Information
67
[6:0]
RESERVED
NA
Register 46: VOLUME1
Bits
[7:0]
Default
8’d0
Bits
Mnemonic
Description
[7:0]
VOLUME1
DAC ch1 volume. -0dB to -127.5dB 0.5dB steps.
•
8’d0: 0dB
•
8’d255: -127.5dB
Register 47: VOLUME2
Bits
[7:0]
Default
8’d0
Bits
Mnemonic
Description
[7:0]
VOLUME2
DAC ch2volume. -0dB to -127.5dB 0.5dB steps.
•
8’d0: 0dB
•
8’d255: -127.5dB
Register 48: DAC VOL UP RATE
Bits
[7:0]
Default
8’d150
Bits
Mnemonic
Description
[7:0]
DAC_VOL_RATE_UP
Value by which the old VOLUME value is incremented to
reach the new VOLUME value
Valid from 8’d0 (instant) to 8’d255 (fastest), where 8’d0
instantly changes the VOLUME value
Calculation of time ramp rate(in seconds):
•
8’d0: Instant change
•
8’d150: Default
•
8’d255: Fastest change
Register 49: DAC VOL DOWN RATE
Bits
[7:0]
Default
8’d150
Bits
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com