Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9033Q Datasheet(PDF) 57 Page - ESS Technology,Inc

Part # ES9033Q
Description  32-bit High-Performance 2-Channel DAC with Line Drivers
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9033Q Datasheet(HTML) 57 Page - ESS Technology,Inc

Back Button ES9033Q Datasheet HTML 53Page - ESS Technology,Inc ES9033Q Datasheet HTML 54Page - ESS Technology,Inc ES9033Q Datasheet HTML 55Page - ESS Technology,Inc ES9033Q Datasheet HTML 56Page - ESS Technology,Inc ES9033Q Datasheet HTML 57Page - ESS Technology,Inc ES9033Q Datasheet HTML 58Page - ESS Technology,Inc ES9033Q Datasheet HTML 59Page - ESS Technology,Inc ES9033Q Datasheet HTML 60Page - ESS Technology,Inc ES9033Q Datasheet HTML 61Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 103 page
background image
0.3.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800
ES9033 Datasheet Information
57
Register 25: GPIO CONFIG2
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Default
1’b0
1’b0
1’b0
1’b0
1’b0
1’b1
1’b0
1’b0
Bits
Mnemonic
Description
[7]
GPIO_OR_SS_RAMP
When GPIOx_CFG=14 (output soft ramp done flag):
•
1’b0: The soft ramp done flag is determined by
GPIO_AND_SS_RAMP and GPIO_SEL (default)
•
1’b1: The soft ramp done flag is the “OR” of both
channel soft ramp done flags
[6]
GPIO_OR_VOL_MIN
When GPIOx_CFG=12 (output vol_min flag):
•
1’b0: The vol_min flag is determined by
GPIO_AND_VOL_MIN and GPIO_SEL (default)
•
1’b1: The vol_min flag is the “OR” of both channel
vol_min flags
[5]
GPIO_OR_AUTOMUTE
When GPIOx_CFG=13 (output 57utomate status):
•
1’b0: The 57utomate status is determined by
GPIO_AND_AUTOMUTE and GPIO_SEL (default)
•
1’b1: The 57utomate status is the “OR” of both
channel 57utomate status
[4]
GPIO_AND_SS_RAMP
When GPIOx_CFG=14 (output soft ramp done flag) and
GPIO_OR_SS_RAMP is not set:
•
1’b0: The soft ramp done flag is from a single channel
selected by GPIO_SEL (default)
•
1’b1: The soft ramp done flag is the “AND” of both
channel soft ramp done flags
[3]
GPIO_AND_VOL_MIN
When GPIOx_CFG=12 (output vol_min flag) and
GPIO_OR_VOL_MIN is not set:
•
1’b0: The vol_min flag is from a single channel
selected by GPIO_SEL (default)
•
1’b1: The vol_min flag is the “AND” of both channel
vol_min flags
[2]
GPIO_AND_AUTOMUTE
When GPIOx_CFG=13 (output 57utomate status) and
GPIO_OR_AUTOMUTE is not set:
•
1’b0: The 57utomate status is from a single channel
selected by GPIO_SEL
•
1’b1: The 57utomate status is the “AND” of both
channel 57utomate status (default)
[1]
RESERVED
NA
[0]
GPIO1_READ
•
1’b0: GPIO1 Readback disabled (default)
•
1’b1: Allow readback of GPIO1_I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com