Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8609SEVPBF Datasheet(PDF) 5 Page - Analog Devices

Part # LT8609SEVPBF
Description  42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8609SEVPBF Datasheet(HTML) 5 Page - Analog Devices

  LT8609SEVPBF Datasheet HTML 1Page - Analog Devices LT8609SEVPBF Datasheet HTML 2Page - Analog Devices LT8609SEVPBF Datasheet HTML 3Page - Analog Devices LT8609SEVPBF Datasheet HTML 4Page - Analog Devices LT8609SEVPBF Datasheet HTML 5Page - Analog Devices LT8609SEVPBF Datasheet HTML 6Page - Analog Devices LT8609SEVPBF Datasheet HTML 7Page - Analog Devices LT8609SEVPBF Datasheet HTML 8Page - Analog Devices LT8609SEVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT8609S
5
Rev. D
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
SWITCH CURRENT = 1A
TOP SW
BOT SW
TEMPERATURE (°C)
–50 –30 –10 10 30 50 70 90 110 130 150
0
50
100
150
200
250
300
350
8609S G12
DUTY CYCLE (%)
0
20
40
60
80
100
3.50
3.75
4.00
4.25
4.50
4.75
5.00
5.25
5.50
8609S G10
TEMPERATURE (°C)
–50
–10
30
70
110
150
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
8609S G11
Top FET Current Limit
vs Duty Cycle
Top FET Current Limit
vs Temperature
TOP SW
BOT SW
SWITCH CURRENT (A)
0
0.5
1
1.5
2
2.5
3
0
100
200
300
400
500
600
700
800
8609S G13
SYNC = 2V, 1.5A OUT
SYNC = 0V, 1.5A OUT
TEMPERATURE (°C)
–50 –30 –10 10 30 50 70 90 110 130 150
0
10
20
30
40
50
60
70
8609S G14
TEMPERATURE (°C)
–50 –30 –10 10 30 50 70 90 110 130 150
50
60
70
80
90
100
110
120
130
140
150
8609S G15
VIN = 6V
ILOAD = 1A
Switch Drop vs Temperature
Switch Drop vs Switch Current
Minimum On-Time
vs Temperature
Minimum Off-Time
vs Temperature
Dropout Voltage vs Load Current
Switching Frequency
vs Temperature
LOAD CURRENT (A)
0
800
200
700
300
600
500
100
400
0
1.5
8609S G16
3
1
2.5
2
0.5
RT = 18.2kΩ
TEMPERATURE (°C)
–50 –30 –10 10 30 50 70 90 110 130 150
1.975
1.980
1.985
1.990
1.995
2.000
2.005
8609S G17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com