Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8609SEVPBF Datasheet(PDF) 12 Page - Analog Devices

Part # LT8609SEVPBF
Description  42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8609SEVPBF Datasheet(HTML) 12 Page - Analog Devices

Back Button LT8609SEVPBF Datasheet HTML 8Page - Analog Devices LT8609SEVPBF Datasheet HTML 9Page - Analog Devices LT8609SEVPBF Datasheet HTML 10Page - Analog Devices LT8609SEVPBF Datasheet HTML 11Page - Analog Devices LT8609SEVPBF Datasheet HTML 12Page - Analog Devices LT8609SEVPBF Datasheet HTML 13Page - Analog Devices LT8609SEVPBF Datasheet HTML 14Page - Analog Devices LT8609SEVPBF Datasheet HTML 15Page - Analog Devices LT8609SEVPBF Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LT8609S
12
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
Achieving Ultralow Quiescent Current
To enhance efficiency at light loads, the LT8609S enters
into low ripple Burst Mode operation, which keeps the
output capacitor charged to the desired output voltage
while minimizing the input quiescent current and min-
imizing output voltage ripple. In Burst Mode operation
the LT8609S delivers single small pulses of current to
the output capacitor followed by sleep periods where the
output power is supplied by the output capacitor. While
in sleep mode the LT8609S consumes 1.7μA.
As the output load decreases, the frequency of single cur-
rent pulses decreases (see Figure 1) and the percentage
of time the LT8609S is in sleep mode increases, result-
ing in much higher light load efficiency than for typical
converters. By maximizing the time between pulses, the
INPUT VOLTAGE (V)
8609S F01b
0
100
40
60
20
80
90
30
50
10
70
0
30
50
20
40
10
VOUT = 5V
fSW = 700kHz
SYNC = FLOAT
Figure 1b. Full Switching Frequency Minimum
Load vs VIN in Pulse Skipping Mode
Figure 2. Burst Mode Operation
2.00µs/DIV
200mA/DIV
10mV/DIV
8609S F02
converter quiescent current approaches 2.5µA for a typ-
ical application when there is no output load. Therefore,
to optimize the quiescent current performance at light
loads, the current in the feedback resistor divider must
be minimized as it appears to the output as load current.
While in Burst Mode operation the current limit of the
top switch is approximately 600mA resulting in output
voltage ripple shown in Figure 2. Increasing the output
capacitance will decrease the output ripple proportionally.
As load ramps upward from zero the switching frequency
will increase but only up to the switching frequency
programmed by the resistor at the RT pin as shown in
Table 1. The output load at which the LT8609S reaches
the programmed frequency varies based on input voltage,
output voltage, and inductor choice.
For some applications it is desirable for the LT8609S to
operate in pulse-skipping mode, offering two major differ-
ences from Burst Mode operation. First is the clock stays
awake at all times and all switching cycles are aligned to
the clock. In this mode much of the internal circuitry is
awake at all times, increasing quiescent current to several
hundred µA. Second is that full switching frequency is
reached at lower output load than in Burst Mode operation
as shown in Figure 1b. To enable pulse-skipping mode the
SYNC pin is floated. To achieve spread spectrum modula-
tion with pulse-skipping mode, the SYNC pin is tied high.
While a clock is applied to the SYNC pin the LT8609S will
also operate in pulse-skipping mode.
LOAD CURRENT (mA)
0
2500
1000
1500
500
2000
0
600
200
400
L = 2.2µH
VOUT = 3.3V
VIN = 12V
SYNC = 0V
8609S F01a
Figure 1a. SW Burst Mode Frequency vs Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com