Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8609SEVPBF Datasheet(PDF) 1 Page - Analog Devices

Part # LT8609SEVPBF
Description  42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8609SEVPBF Datasheet(HTML) 1 Page - Analog Devices

  LT8609SEVPBF Datasheet HTML 1Page - Analog Devices LT8609SEVPBF Datasheet HTML 2Page - Analog Devices LT8609SEVPBF Datasheet HTML 3Page - Analog Devices LT8609SEVPBF Datasheet HTML 4Page - Analog Devices LT8609SEVPBF Datasheet HTML 5Page - Analog Devices LT8609SEVPBF Datasheet HTML 6Page - Analog Devices LT8609SEVPBF Datasheet HTML 7Page - Analog Devices LT8609SEVPBF Datasheet HTML 8Page - Analog Devices LT8609SEVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT8609S
1
Rev. D
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
42V, 2A/3A Peak
Synchronous Step-Down Regulator
with 2.5µA Quiescent Current
The LT®8609S is a compact, high efficiency, high speed
synchronous monolithic step-down switching regulator
that consumes only 1.7µA of non-switching quiescent
current. The LT8609S can deliver 2A of continuous cur-
rent with peak loads of 3A (<1sec) to support applications
such as GSM transceivers which require high transient
loads. Top and bottom power switches are included with
all necessary circuitry to minimize the need for external
components. Low ripple Burst Mode operation enables
high efficiency down to very low output currents while
keeping the output ripple below 10mVP-P. A SYNC pin
allows synchronization to an external clock, or spread
spectrum modulation of switching frequencies for low
EMI operation. Internal compensation with peak current
mode topology allows the use of small inductors and
results in fast transient response and good loop stability.
The EN/UV pin has an accurate 1V threshold and can be
used to program VIN undervoltage lockout or to shut down
the LT8609S reducing the input supply current to 1µA. A
capacitor on the TR/SS pin programs the output voltage
ramp rate during start-up while the PG flag signals when
VOUT is within ±8.5% of the programmed output voltage
as well as fault conditions. The LT8609S is available in a
small 16-lead 3mm × 3mm LQFN package.
APPLICATIONS
n
Silent Switcher® 2 Architecture
n
Ultralow EMI Emissions on Any PCB
n
Eliminates PCB Layout Sensitivity
n
Internal Bypass Capacitors Reduce Radiated EMI
n
Optional Spread Spectrum Modulation
n
Wide Input Voltage Range: 3.0V to 42V
n
Ultralow Quiescent Current Burst Mode® Operation:
n
<2.5µA IQ Regulating 12VIN to 3.3VOUT
n
Output Ripple <10mVP-P
n
High Efficiency 2MHz Synchronous Operation:
n
>93% Efficiency at 1A, 12VIN to 5VOUT
n
2A Maximum Continuous Output, 3A Peak Transient
Output
n
Fast Minimum Switch-On Time: 45ns
n
Adjustable and Synchronizable: 200kHz to 2.2MHz
n
Allows Use of Small Inductors
n
Low Dropout
n
Peak Current Mode Operation
n
Internal Compensation
n
Output Soft-Start and Tracking
n
Small 16-Lead 3mm × 3mm LQFN Package
n
AEC-Q100 Qualified for Automotive Applications
n
General Purpose Step Down
n
Low EMI Step Down
All registered trademarks and trademarks are the property of their respective owners.
VIN
EN/UV
ON OFF
22µF
10pF
4.7µF
VIN
5.5V TO 40V
1µF
VOUT
5V
2A
182k
8609S TA01a
2.2µH
1M
SYNC
INTVCC
TR/SS
RT
LT8609S
GND
SW
PG
FB
18.2k
5V, 2MHz Step Down
12VIN to 5VOUT Efficiency
IOUT (A)
0
100
65
90
70
55
85
80
60
95
75
50
1.50
8609S TA01b
2.50
2.00
1.00
0.50
fSW = 2MHz


Similar Part No. - LT8609SEVPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8609S LINER-LT8609S Datasheet
1Mb / 24P
42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5關A Quiescent Current
logo
Analog Devices
LT8609S AD-LT8609S Datasheet
2Mb / 30P
Dual Channel 2A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2關A Quiescent Current
LT8609S AD-LT8609S Datasheet
2Mb / 28P
42V, 10A/12A Peak Synchronous Step-Down Silent Switcher 2
LT8609S AD-LT8609S Datasheet
2Mb / 24P
42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
01/21-REV.D
LT8609S AD-LT8609S Datasheet
3Mb / 34P
Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
Rev. B
More results

Similar Description - LT8609SEVPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8610 LINER-LT8610_15 Datasheet
306Kb / 22P
42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8609 LINER-LT8609_15 Datasheet
1Mb / 22P
42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8612 LINER-LT8612_15 Datasheet
400Kb / 20P
42V, 6A Synchronous Step-Down Regulator with 3A Quiescent Current
LT8610A LINER-LT8610A_15 Datasheet
378Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AB LINER-LT8610AB_15 Datasheet
378Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC LINER-LT8610AC_15 Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC-1 LINER-LT8610AC-1_15 Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8613 LINER-LT8613_15 Datasheet
364Kb / 24P
42V, 6A Synchronous Step-Down Regulator with Current Sense and 3A Quiescent Current
LT8609S LINER-LT8609S Datasheet
1Mb / 24P
42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5關A Quiescent Current
logo
Analog Devices
LT8641A AD-LT8641A Datasheet
860Kb / 35P
65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com