Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8609SEVPBF Datasheet(PDF) 14 Page - Analog Devices

Part # LT8609SEVPBF
Description  42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8609SEVPBF Datasheet(HTML) 14 Page - Analog Devices

Back Button LT8609SEVPBF Datasheet HTML 10Page - Analog Devices LT8609SEVPBF Datasheet HTML 11Page - Analog Devices LT8609SEVPBF Datasheet HTML 12Page - Analog Devices LT8609SEVPBF Datasheet HTML 13Page - Analog Devices LT8609SEVPBF Datasheet HTML 14Page - Analog Devices LT8609SEVPBF Datasheet HTML 15Page - Analog Devices LT8609SEVPBF Datasheet HTML 16Page - Analog Devices LT8609SEVPBF Datasheet HTML 17Page - Analog Devices LT8609SEVPBF Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LT8609S
14
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
Inductor Selection and Maximum Output Current
The LT8609S is designed to minimize solution size by
allowing the inductor to be chosen based on the output
load requirements of the application. During overload or
short circuit conditions the LT8609S safely tolerates oper-
ation with a saturated inductor through the use of a high
speed peak-current mode architecture.
A good first choice for the inductor value is:
L =
VOUT +VSW(BOT)
fSW
where fSW is the switching frequency in MHz, VOUT is
the output voltage, VSW(BOT) is the bottom switch drop
(~0.25V) and L is the inductor value in μH.
To avoid overheating and poor efficiency, an inductor
must be chosen with an RMS current rating that is greater
than the maximum expected output load of the applica-
tion. In addition, the saturation current (typically labeled
ISAT) rating of the inductor must be higher than the load
current plus 1/2 of in inductor ripple current:
IL(PEAK) =ILOAD(MAX)+
1
2
ΔL
where ∆IL is the inductor ripple current as calculated sev-
eral paragraphs below and ILOAD(MAX) is the maximum
output load for a given application.
As a quick example, an application requiring 1A output
should use an inductor with an RMS rating of greater
than 1A and an ISAT of greater than 1.3A. To keep the
efficiency high, the series resistance (DCR) should be less
than 0.04Ω, and the core material should be intended for
high frequency applications.
The LT8609S limits the peak switch current in order to
protect the switches and the system from overload faults.
The top switch current limit (ILIM) is typically 4.75A at low
duty cycles and decreases linearly to 4.0A at D = 0.8. The
inductor value must then be sufficient to supply the desired
maximum output current (IOUT(MAX)), which is a function of
the switch current limit (ILIM) and the ripple current:
IOUT(MAX) =ILIM –
ΔIL
2
The peak-to-peak ripple current in the inductor can be
calculated as follows:
ΔIL =
VOUT
L • fSW
1–
VOUT
VIN(MAX)
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟
where fSW is the switching frequency of the LT8609S, and
L is the value of the inductor. Therefore, the maximum out-
put current that the LT8609S will deliver depends on the
minimum switch current limit, the inductor value, and the
input and output voltages. The inductor value may have to
be increased if the inductor ripple current does not allow
sufficient maximum output current (IOUT(MAX)) given the
switching frequency, and maximum input voltage used in
the desired application.
The optimum inductor for a given application may differ
from the one indicated by this design guide. A larger value
inductor provides a higher maximum load current and
reduces the output voltage ripple. For applications requir-
ing smaller load currents, the value of the inductor may
be lower and the LT8609S may operate with higher ripple
current. This allows use of a physically smaller inductor,
or one with a lower DCR resulting in higher efficiency. Be
aware that low inductance may result in discontinuous
mode operation, which further reduces maximum load
current.
The internal circuitry of the LT8609S is capable of sup-
plying IOUT(MAX) up to 3A. Thermal limitations of the
LT8609S prevent continuous output of 3A loads due to
unsafe operating temperatures. In order to ensure safe
operating temperature, the average LT8609S current
must be kept below 2A, but will allow transient peaks up
to 3A or IOUT(MAX). If high average currents cause unsafe
heating of the part, the LT8609S will stop switching and
indicate a fault condition to protect the internal circuitry.
For more information about maximum output current and
discontinuous operation, see Analog Devices Application
Note 44.
Finally, for duty cycles greater than 50% (VOUT/VIN > 0.5),
a minimum inductance is required to avoid sub-harmonic
oscillation. See Analog Devices Application Note 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com