Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8609SEVPBF Datasheet(PDF) 16 Page - Analog Devices

Part # LT8609SEVPBF
Description  42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8609SEVPBF Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8609SEVPBF Datasheet HTML 12Page - Analog Devices LT8609SEVPBF Datasheet HTML 13Page - Analog Devices LT8609SEVPBF Datasheet HTML 14Page - Analog Devices LT8609SEVPBF Datasheet HTML 15Page - Analog Devices LT8609SEVPBF Datasheet HTML 16Page - Analog Devices LT8609SEVPBF Datasheet HTML 17Page - Analog Devices LT8609SEVPBF Datasheet HTML 18Page - Analog Devices LT8609SEVPBF Datasheet HTML 19Page - Analog Devices LT8609SEVPBF Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LT8609S
16
Rev. D
For more information www.analog.com
can be tied to VIN if the shutdown feature is not used, or
tied to a logic level if shutdown control is required.
Adding a resistor divider from VIN to EN programs the
LT8609S to regulate the output only when VIN is above
a desired voltage (see Block Diagram). Typically, this
threshold, VIN(EN), is used in situations where the input
supply is current limited, or has a relatively high source
resistance. A switching regulator draws constant power
from the source, so source current increases as source
voltage drops. This looks like a negative resistance load
to the source and can cause the source to current limit or
latch low under low source voltage conditions. The VIN(EN)
threshold prevents the regulator from operating at source
voltages where the problems might occur. This threshold
can be adjusted by setting the values R3 and R4 such that
they satisfy the following equation:
VIN(EN) =
R3
R4
+1
⎛
⎝
⎜
⎞
⎠
⎟•1V
where the LT8609S will remain off until VIN is above
VIN(EN). Due to the comparator’s hysteresis, switching
will not stop until the input falls slightly below VIN(EN).
When in Burst Mode operation for light-load currents,
the current through the VIN(EN) resistor network can eas-
ily be greater than the supply current consumed by the
LT8609S. Therefore, the VIN(EN) resistors should be large
to minimize their effect on efficiency at low loads.
INTVCC Regulator
An internal low dropout (LDO) regulator produces the 3.5V
supply from VIN that powers the drivers and the internal
bias circuitry. The INTVCC can supply enough current for
the LT8609S’s circuitry and must be bypassed to ground
with a minimum of 1μF ceramic capacitor. Good bypass-
ing is necessary to supply the high transient currents
required by the power MOSFET gate drivers. Applications
with high input voltage and high switching frequency will
increase die temperature because of the higher power
dissipation across the LDO. Do not connect an external
load to the INTVCC pin.
APPLICATIONS INFORMATION
Output Voltage Tracking and Soft-Start
The LT8609S allows the user to program its output
voltage ramp rate by means of the TR/SS pin. An internal
2μA pulls up the TR/SS pin to INTVCC. Putting an external
capacitor on TR/SS enables soft-starting the output to
prevent current surge on the input supply. During the soft-
start ramp the output voltage will proportionally track the
TR/SS pin voltage. For output tracking applications, TR/
SS can be externally driven by another voltage source.
From 0V to 0.774V, the TR/SS voltage will override the
internal 0.774V reference input to the error amplifier, thus
regulating the FB pin voltage to that of TR/SS pin. When
TR/SS is above 0.774V, tracking is disabled and the feed-
back voltage will regulate to the internal reference voltage.
An active pull-down circuit is connected to the TR/SS pin
which will discharge the external soft-start capacitor in
the case of fault conditions and restart the ramp when the
faults are cleared. Fault conditions that clear the soft-start
capacitor are the EN/UV pin transitioning low, VIN voltage
falling too low, or thermal shutdown.
Output Power Good
When the LT8609S’s output voltage is within the ±8.5%
window of the regulation point, which is a VFB voltage in
the range of 0.716V to 0.849V (typical), the output voltage
is considered good and the open-drain PG pin goes high
impedance and is typically pulled high with an external
resistor. Otherwise, the internal drain pull-down device
will pull the PG pin low. To prevent glitching both the
upper and lower thresholds include 0.5% of hysteresis.
The PG pin is also actively pulled low during several fault
conditions: EN/UV pin is below 1V, INTVCC has fallen too
low, VIN is too low, or thermal shutdown.
Synchronization
To select low ripple Burst Mode operation, tie the SYNC
pin below 0.4V (this can be ground or a logic low output).
To synchronize the LT8609S oscillator to an external fre-
quency connect a square wave (with 20% to 80% duty
cycle) to the SYNC pin. The square wave amplitude should
have valleys that are below 0.9V and peaks above 2.7V
(up to 5V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com