Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8609SEVPBF Datasheet(PDF) 10 Page - Analog Devices

Part # LT8609SEVPBF
Description  42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8609SEVPBF Datasheet(HTML) 10 Page - Analog Devices

Back Button LT8609SEVPBF Datasheet HTML 6Page - Analog Devices LT8609SEVPBF Datasheet HTML 7Page - Analog Devices LT8609SEVPBF Datasheet HTML 8Page - Analog Devices LT8609SEVPBF Datasheet HTML 9Page - Analog Devices LT8609SEVPBF Datasheet HTML 10Page - Analog Devices LT8609SEVPBF Datasheet HTML 11Page - Analog Devices LT8609SEVPBF Datasheet HTML 12Page - Analog Devices LT8609SEVPBF Datasheet HTML 13Page - Analog Devices LT8609SEVPBF Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT8609S
10
Rev. D
For more information www.analog.com
BLOCK DIAGRAM
8609S BD
R1
RPG
R2
RT
CSS
VOUT
CFF
+
+
–
SLOPE COMP
INTERNAL 0.774V REF
OSCILLATOR
200kHz TO 2.2MHz
BURST
DETECT
3.5V
REG
M1
M2
CBST
COUT
VOUT
SW
L
SWITCH
LOGIC
AND
ANTI-
SHOOT
THROUGH
ERROR
AMP
SHDN
±8.5%
VC
SHDN
TSD
INTVCC UVLO
VIN UVLO
SHDN
TSD
VIN UVLO
EN/UV
1V
+
–
INTVCC
GND
PG
FB
TR/SS
2µA
RT
SYNC
VIN
VIN
CIN
0.2µF
0.1µF
CVCC
R3
OPT
R4
OPT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com